Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 45 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 45 Page - Winbond

Back Button W77C32 Datasheet HTML 41Page - Winbond W77C32 Datasheet HTML 42Page - Winbond W77C32 Datasheet HTML 43Page - Winbond W77C32 Datasheet HTML 44Page - Winbond W77C32 Datasheet HTML 45Page - Winbond W77C32 Datasheet HTML 46Page - Winbond W77C32 Datasheet HTML 47Page - Winbond W77C32 Datasheet HTML 48Page - Winbond W77C32 Datasheet HTML 49Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 45 -
Revision A8
10. RESET CONDITIONS
The user has several hardware related options for placing the W77C032 into reset condition. In
general, most register bits go to their reset value irrespective of the reset condition, but there are a few
flags whose state depends on the source of reset. The user can use these flags to determine the
cause of reset using software. There are three ways of putting the device into reset state. They are
External reset, Power on/fail reset and Watchdog reset.
10.1 External Reset
The device continuously samples the RST pin at state C4 of every machine cycle. Therefore the RST
pin must be held for at least 2 machine cycles to ensure detection of a valid RST high. The reset
circuitry then synchronously applies the internal reset signal. Thus the reset is a synchronous
operation and requires the clock to be running to cause an external reset.
Once the device is in reset condition, it will remain so as long as RST is 1. Even after RST is
deactivated, the device will continue to be in reset state for up to two machine cycles, and then begin
program execution from 0000h. There is no flag associated with the external reset condition. However
since the other two reset sources have flags, the external reset can be considered as the default reset
if those two flags are cleared.
10.2 Watchdog Timer Reset
The Watchdog timer is a free running timer with programmable time-out intervals. The user can clear
the watchdog timer at any time, causing it to restart the count. When the time-out interval is reached
an interrupt flag is set. If the Watchdog reset is enabled and the watchdog timer is not cleared, then
512 clocks from the flag being set, the watchdog timer will generate a reset. This places the device
into the reset condition. The reset condition is maintained by hardware for two machine cycles. Once
the reset is removed the device will begin execution from 0000h.
10.3 Reset State
Most of the SFRs and registers on the device will go to the same condition in the reset state. The
Program Counter is forced to 0000h and is held there as long as the reset condition is applied.
However, the reset state does not affect the on-chip RAM. The data in the RAM will be preserved
during the reset. However, the stack pointer is reset to 07h, and therefore the stack contents will be
lost. The RAM contents will be lost if the VDD falls below approximately 2V, as this is the minimum
voltage level required for the RAM to operate normally. Therefore after a first time power on reset the
RAM contents will be indeterminate. During a power fail condition, if the power falls below 2V, the
RAM contents are lost. Hence it should be assumed that after a power on reset, POR = 1, the RAM
contents are lost.
After a reset most SFRs are cleared. Interrupts and Timers are disabled. The Watchdog timer is
disabled if the reset source was a POR. The port SFRs have FFh written into them which puts the port
pins in a high state. Port 0 floats as it does not have on-chip pull-ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com