Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 15 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 15 Page - Winbond

Back Button W77C32 Datasheet HTML 11Page - Winbond W77C32 Datasheet HTML 12Page - Winbond W77C32 Datasheet HTML 13Page - Winbond W77C32 Datasheet HTML 14Page - Winbond W77C32 Datasheet HTML 15Page - Winbond W77C32 Datasheet HTML 16Page - Winbond W77C32 Datasheet HTML 17Page - Winbond W77C32 Datasheet HTML 18Page - Winbond W77C32 Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 15 -
Revision A8
MD2-0: Stretch MOVX select bits: These three bits are used to select the stretch value for the MOVX
instruction. Using a variable MOVX length enables the user to access slower external memory
devices or peripherals without the need for external circuits. The RD or WR strobe will be
stretched by the selected interval. When accessing the on-chip SRAM, the MOVX instruction
is always in 2 machine cycles regardless of the stretch setting. By default, the stretch has
value of 1. If the user needs faster accessing, then a stretch value of 0 should be selected.
MD2 MD1 MD0 Stretch value
MOVX duration
0
0
0
0
2 machine cycles
0
0
1
1
3 machine cycles (Default)
0
1
0
2
4 machine cycles
0
1
1
3
5 machine cycles
1
0
0
4
6 machine cycles
1
0
1
5
7 machine cycles
1
1
0
6
8 machine cycles
1
1
1
7
9 machine cycles
Port 1
Bit:
7
6
5
4
3
2
1
0
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
Mnemonic: P1
Address: 90h
P1.7-0: General purpose I/O port. Most instructions will read the port pins in case of a port read
access, however in case of read-modify-write instructions, the port latch is read. Some pins
also have alternate input or output functions. This alternate functions are described below:
P1.0: T2
External I/O for Timer/Counter 2
P1.1: T2EX Timer/Counter 2 Capture/Reload Trigger
P1.2: RXD1 Serial Port 1 Receive
P1.3: TXD1 Serial Port 1 Transmit
P1.4: INT2 External Interrupt 2
P1.5: INT3 External Interrupt 3
P1.6: INT4 External Interrupt 4
P1.7: INT5 External Interrupt 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com