Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 137Page - Renesas Technology Corp F24 Datasheet HTML 138Page - Renesas Technology Corp F24 Datasheet HTML 139Page - Renesas Technology Corp F24 Datasheet HTML 140Page - Renesas Technology Corp F24 Datasheet HTML 141Page - Renesas Technology Corp F24 Datasheet HTML 142Page - Renesas Technology Corp F24 Datasheet HTML 143Page - Renesas Technology Corp F24 Datasheet HTML 144Page - Renesas Technology Corp F24 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 210 page
background image
RL78/F23, F24
4. ELECTRICAL SPECIFICATIONS (GRADE 4)
R01DS0446EJ0120 Rev.1.20
Page 141 of 207
Dec 31, 2025
4.6.5 LVD Circuit Characteristics
(1)
LVD detection voltage of interrupt mode or reset mode
(TA = -40 to +125
°C, VPDR ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
Supply voltage level
VLVD0
Power supply rise time
4.62
4.74
4.94
V
Power supply fall time
4.52
4.64
4.84
V
VLVD1
Power supply rise time
4.50
4.62
4.82
V
Power supply fall time
4.40
4.52
4.71
V
VLVD2
Power supply rise time
4.30
4.42
4.61
V
Power supply fall time
4.21
4.32
4.51
V
VLVD3
Power supply rise time
3.13
3.22
3.39
V
Power supply fall time
3.07
3.15
3.31
V
VLVD4
Power supply rise time
2.95
3.02
3.17
V
Power supply fall time
2.89
2.96
3.09
V
VLVD5
Power supply rise time
2.74
2.81
2.95
V
Power supply fall time
2.68 Note
2.75
2.88
V
Minimum pulse width
tLW
300
µs
Detection delay time
tLD
300
µs
Note The minimum value exceeds below the lower limit operation voltage (2.7 V), however, in reset mode, normal
operation (same behavior when VDD = 2.7 V) is possible until a reset is effected at the power supply falling time.
(2)
LVD detection voltage of interrupt and reset mode
(TA = -40 to +125
°C, VPDR ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt and reset
mode
VLVD5
VPOC2, VPOC1, VPOC0 = 0, 0, 1 Note 1,
falling reset voltage: 2.75 V
2.68 Note 2
2.75
2.88
V
VLVD2
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
4.30
4.42
4.61
V
Falling interrupt voltage
4.21
4.32
4.51
V
VLVD5
VPOC2, VPOC1, VPOC0 = 0, 1, 0 Note 1,
falling reset voltage: 2.75 V
2.68 Note 2
2.75
2.88
V
VLVD1
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
4.50
4.62
4.82
V
Falling interrupt voltage
4.40
4.52
4.71
V
VLVD5
VPOC2, VPOC1, VPOC0 = 0, 1, 1 Note 1,
falling reset voltage: 2.75 V
2.68 Note 2
2.75
2.88
V
VLVD3
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
3.13
3.22
3.39
V
Falling interrupt voltage
3.07
3.15
3.31
V
VLVD0
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
4.62
4.74
4.94
V
Falling interrupt voltage
4.52
4.64
4.84
V
Notes 1. These values indicate setting values of option bytes.
2. The minimum value exceeds below the lower limit operation voltage (2.7 V), however, in reset mode, normal
operation (same behavior when VDD = 2.7 V) is possible until a reset is effected at the power supply falling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com