Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 141Page - Renesas Technology Corp F24 Datasheet HTML 142Page - Renesas Technology Corp F24 Datasheet HTML 143Page - Renesas Technology Corp F24 Datasheet HTML 144Page - Renesas Technology Corp F24 Datasheet HTML 145Page - Renesas Technology Corp F24 Datasheet HTML 146Page - Renesas Technology Corp F24 Datasheet HTML 147Page - Renesas Technology Corp F24 Datasheet HTML 148Page - Renesas Technology Corp F24 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 210 page
background image
RL78/F23, F24
4. ELECTRICAL SPECIFICATIONS (GRADE 4)
R01DS0446EJ0120 Rev.1.20
Page 145 of 207
Dec 31, 2025
4.12 Timing of Entry to Flash Memory Programming Modes
(TA = -40 to +125
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Time to complete the communication
for the initial setting after the external
reset is released
tSUINIT
POR and LVD reset must be released
before the external reset is released.
100
ms
Time to release the external reset after
the TOOL0 pin is set to the low level
tSU
POR and LVD reset must be released
before the external reset is released.
10
µs
Time to hold the TOOL0 pin at the low
level after the external reset is released
(excluding the processing time of the
firmware to control the flash memory)
tHD
POR and LVD reset must be released
before the external reset is released.
1
ms
<1> The low level is input to the TOOL0 pin.
<2> The external reset is released (POR and LVD reset must be released before the external
reset is released.).
<3> The TOOL0 pin is set to the high level.
<4> Setting of the flash memory programming mode by UART reception and complete the baud
rate setting.
Remarks 1. tSUINIT: Communication for the initial setting must be completed within 100 ms after the external reset is
released during this period.
2. tSU: Time to release the external reset after the TOOL0 pin is set to the low level
3. tHD: Time to hold the TOOL0 pin at the low level after the external reset is released (excluding the
processing time of the firmware to control the flash memory)
RESET
tSU
1 ms +
tHD
processing time
00H reception
(TOOLRXD, TOOLTXD mode)
<1>
<2>
<3>
<4>
TOOL0
・・・・・
tSUINIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com