Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 143Page - Renesas Technology Corp F24 Datasheet HTML 144Page - Renesas Technology Corp F24 Datasheet HTML 145Page - Renesas Technology Corp F24 Datasheet HTML 146Page - Renesas Technology Corp F24 Datasheet HTML 147Page - Renesas Technology Corp F24 Datasheet HTML 148Page - Renesas Technology Corp F24 Datasheet HTML 149Page - Renesas Technology Corp F24 Datasheet HTML 150Page - Renesas Technology Corp F24 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 147 of 207
Dec 31, 2025
5.1 Absolute Maximum Ratings
(1/3)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to +6.5
V
EVDD0, EVDD1
EVDD0 = EVDD1 = VDD
-0.5 to +6.5
V
VSS
-0.5 to +0.3
V
EVSS0, EVSS1
EVSS0 = EVSS1
-0.5 to +0.3
V
REGC pin input voltage
VIREGC
REGC
-0.3 to +2.8 and
-0.3 to VDD + 0.3 Note 1
V
Input voltage
VI1
P00 to P03, P10 to P17, P30 to P32, P40 to P47,
P50 to P57, P60 to P67, P70 to P77, P106, P107,
P120, P125 to P127, P140, P150 to P157
-0.3 to EVDD0 + 0.3 and
-0.3 to VDD + 0.3 Note 2
V
VI2
P33, P34, P80 to P87, P90 to P97, P100 to P105,
P121 to P124, P137, RESET
-0.3 to VDD + 0.3 Note 2
V
Output voltage
VO1
P00 to P03, P10 to P17, P30 to P32, P40 to P47,
P50 to P57, P60 to P67, P70 to P77, P106, P107,
P120, P125 to P127, P130, P140, P150 to P157
-0.3 to EVDD0 + 0.3 and
-0.3 to VDD + 0.3 Note 2
V
VO2
P33, P34, P80 to P87, P90 to P97, P100 to P105
-0.3 to VDD + 0.3
V
Analog input voltage
VAI1
ANI24 to ANI30
-0.3 to EVDD0 + 0.3 and
-0.3 to AVREF(+) + 0.3 Notes 2, 3
V
VAI2
ANI0 to ANI23
-0.3 to VDD+ 0.3 and
-0.3 to AVREF(+) + 0.3 Notes 2, 3
V
Notes 1. Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF). This value regulates the absolute maximum rating
of the REGC pin. Do not use this pin with voltage applied to it.
2. Must be 6.5 V or lower.
3. For pins to be used in A/D conversion, the voltage should not exceed the value AVREF(+) + 0.3.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com