Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 146Page - Renesas Technology Corp F24 Datasheet HTML 147Page - Renesas Technology Corp F24 Datasheet HTML 148Page - Renesas Technology Corp F24 Datasheet HTML 149Page - Renesas Technology Corp F24 Datasheet HTML 150Page - Renesas Technology Corp F24 Datasheet HTML 151Page - Renesas Technology Corp F24 Datasheet HTML 152Page - Renesas Technology Corp F24 Datasheet HTML 153Page - Renesas Technology Corp F24 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 150 of 207
Dec 31, 2025
5.2 Oscillator Characteristics
5.2.1 Main System Clock Oscillator Characteristics
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Resonator
Recommended Circuit
Parameter
Conditions
MIN.
TYP. MAX.
Unit
Ceramic resonator/
Crystal resonator
X1 clock oscillation frequency (fX)
2.7 V
≤ VDD ≤ 5.5 V
2.0
20.0
MHz
Cautions 1. When using the X1 oscillator, wire as follows in the area enclosed by the broken lines in the above
figures to avoid an adverse effect from wiring capacitance.
• Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines.
• Do not route the wiring near a signal line through which a high fluctuating current flows.
• Always make the ground point of the oscillator capacitor the same potential as VSS.
• Do not ground the capacitor to a ground pattern through which a high current flows.
• Do not fetch signals from the oscillator.
2. Customers are requested to consult the resonator manufacturer to select an appropriate resonator
and to determine the proper oscillation constant. Customers are also requested to adequately
evaluate the oscillation on their system. Determine the X1 clock oscillation stabilization time using
the oscillation stabilization time of the oscillation stabilization time counter status register (OSTC)
and the oscillation stabilization time select register (OSTS) after sufficiently evaluating the
oscillation stabilization time with the resonator to be used.
Rd
X2
X1
VSS
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com