Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 150Page - Renesas Technology Corp F24 Datasheet HTML 151Page - Renesas Technology Corp F24 Datasheet HTML 152Page - Renesas Technology Corp F24 Datasheet HTML 153Page - Renesas Technology Corp F24 Datasheet HTML 154Page - Renesas Technology Corp F24 Datasheet HTML 155Page - Renesas Technology Corp F24 Datasheet HTML 156Page - Renesas Technology Corp F24 Datasheet HTML 157Page - Renesas Technology Corp F24 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 154 of 207
Dec 31, 2025
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/6)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current, low Note 1
IOL1
Per pin for P00 to P03, P10 to
P17, P30 to P32, P40 to P47,
P50 to P57, P60 to P67, P70
to P77, P106, P107, P120,
P125 to P127, P130, P140,
P150 to P157
4.0 V
≤ EVDD0 ≤ 5.5 V
8.5
mA
2.7 V
≤ EVDD0 < 4.0 V
4.0
mA
Per pin for P10, P12, P14,
P30, P120, P140
(special slew rate)
4.0 V
≤ EVDD0 ≤ 5.5 V
0.59
mA
2.7 V
≤ EVDD0 < 4.0 V
0.07
mA
Total of P01, P02, P40 to P47,
P120, P125 to P127, P150 to
P153
(for duty factors
≤ 70% Note 2)
4.0 V
≤ EVDD0 ≤ 5.5 V
20.0
mA
2.7 V
≤ EVDD0 < 4.0 V
15.0
mA
Total of P00, P03, P10 to P17,
P30 to P32, P50 to P57, P60
to P67, P70 to P77, P106,
P107, P130, P140, P154 to
P157
(for duty factors
≤ 70% Note 2)
4.0 V
≤ EVDD0 ≤ 5.5 V
35.0
mA
2.7 V
≤ EVDD0 < 4.0 V
30.0
mA
Total of all pins
(for duty factors
≤ 70% Note 2)
4.0 V
≤ EVDD0 ≤ 5.5 V
55.0
mA
2.7 V
≤ EVDD0 < 4.0 V
45.0
mA
IOL2
Per pin for P33, P34, P80 to
P87, P90 to P97, P100 to
P105
2.7 V
≤ VDD ≤ 5.5 V
0.4
mA
Total of all pins
(for duty factors
≤ 70% Note 2)
2.7 V
≤ VDD ≤ 5.5 V
5.0
mA
Notes 1. Value of current at which the device operation is guaranteed even if the current flows to the EVSS0, EVSS1 and
VSS pins from an output pin.
2. These output current values are obtained under the condition that the duty factor is no greater than 70%.
The output current values when the duty factor is changed to a value greater than 70% can be calculated from
the following expression (when the duty factor is changed to n%).
• Total output current of pins (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 10.0 mA
Total output current of pins = (10.0
× 0.7)/(80 × 0.01) ≈ 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com