Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 151Page - Renesas Technology Corp F24 Datasheet HTML 152Page - Renesas Technology Corp F24 Datasheet HTML 153Page - Renesas Technology Corp F24 Datasheet HTML 154Page - Renesas Technology Corp F24 Datasheet HTML 155Page - Renesas Technology Corp F24 Datasheet HTML 156Page - Renesas Technology Corp F24 Datasheet HTML 157Page - Renesas Technology Corp F24 Datasheet HTML 158Page - Renesas Technology Corp F24 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 155 of 207
Dec 31, 2025
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(3/6)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
P00 to P03, P10 to P17, P30
to P32, P40 to P47, P50 to
P57, P60 to P67, P70 to
P77, P106, P107, P120,
P125 to P127, P140, P150
to P157
(Schmitt 1 mode)
4.0 V
≤ EVDD0 ≤ 5.5 V
0.65 EVDD0
EVDD0 Note
V
2.7 V
≤ EVDD0 < 4.0 V
0.7 EVDD0
EVDD0 Note
V
VIH2
P10, P11, P13, P14, P16,
P17, P30, P41, P43, P50,
P52 to P54, P60 to P63,
P70, P71, P73, P75 to P77,
P107, P120, P125, P150,
P152, P153
(Schmitt 3 mode)
4.0 V
≤ EVDD0 ≤ 5.5 V
0.8 EVDD0
EVDD0 Note
V
2.7 V
≤ EVDD0 < 4.0 V
0.85 EVDD0
EVDD0 Note
V
VIH3
P10, P11, P13, P14, P16,
P17, P30, P54, P62, P63,
P70, P71, P73, P125
(TTL mode)
4.0 V
≤ EVDD0 ≤ 5.5 V
2.2
EVDD0 Note
V
2.7 V
≤ EVDD0 < 4.0 V
2.0
EVDD0 Note
V
VIH4
P33, P34, P80 to P87, P90
to P97, P100 to P105, P137
(fixed to Schmitt 3 mode)
4.0 V
≤ VDD ≤ 5.5 V
0.8 VDD
VDD
V
2.7 V
≤ VDD < 4.0 V
0.85 VDD
VDD
V
VIH5
RESET
(fixed to Schmitt 1 mode)
4.0 V
≤ VDD ≤ 5.5 V
0.65 VDD
VDD
V
2.7 V
≤ VDD < 4.0 V
0.7 VDD
VDD
V
VIH6
P121 to P124, EXCLK,
EXCLKS
(fixed to Schmitt 2 mode)
4.0 V
≤ VDD ≤ 5.5 V
0.8 VDD
VDD
V
2.7 V
≤ VDD < 4.0 V
0.8 VDD
VDD
V
Note The maximum value of VIH of the pins P10 to P17, P32, P60 to P63, P70 to P72, and P120 is EVDD0, even in
N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com