Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 153Page - Renesas Technology Corp F24 Datasheet HTML 154Page - Renesas Technology Corp F24 Datasheet HTML 155Page - Renesas Technology Corp F24 Datasheet HTML 156Page - Renesas Technology Corp F24 Datasheet HTML 157Page - Renesas Technology Corp F24 Datasheet HTML 158Page - Renesas Technology Corp F24 Datasheet HTML 159Page - Renesas Technology Corp F24 Datasheet HTML 160Page - Renesas Technology Corp F24 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 157 of 207
Dec 31, 2025
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(5/6)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage, high
VOH1
P00 to P03, P10 to P17, P30
to P32, P40 to P47, P50 to
P57, P60 to P67, P70 to P77,
P106, P107, P120, P125 to
P127, P130, P140, P150 to
P157
(normal slew rate)
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = -5.0 mA
EVDD0 - 0.9
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = -3.0 mA
EVDD0 - 0.7
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = -1.0 mA
EVDD0 - 0.5
V
VOH2
P33, P34, P80 to P87, P90 to
P97, P100 to P105
2.7 V
≤ VDD ≤ 5.5 V
IOH2 = -100 µA
VDD - 0.5
V
VOH3
P10, P12, P14, P30, P120,
P140
(special slew rate)
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOH3 = -0.6 mA
EVDD0 - 0.8
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOH3 = -0.2 mA
EVDD0 - 0.5
V
Output voltage, low
VOL1
P00 to P03, P10 to P17, P30
to P32, P40 to P47, P50 to
P57, P60 to P67, P70 to P77,
P106, P107, P120, P125 to
P127, P130, P140, P150 to
P157
(normal slew rate)
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 8.5 mA
0.7
V
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 4.0 mA
0.4
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 4.0 mA
0.7
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 1.5 mA
0.4
V
VOL2
P33, P34, P80 to P87, P90 to
P97, P100 to P105
2.7 V
≤ VDD ≤ 5.5 V
IOL2 = 400 µA
0.4
V
VOL3
P10, P12, P14, P30, P120,
P140
(special slew rate)
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 0.6 mA
0.8
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 0.07 mA
0.5
V
Caution P10 to P17, P32, P60 to P63, P70 to P72, and P120 do not output high level in N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com