Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 152Page - Renesas Technology Corp F24 Datasheet HTML 153Page - Renesas Technology Corp F24 Datasheet HTML 154Page - Renesas Technology Corp F24 Datasheet HTML 155Page - Renesas Technology Corp F24 Datasheet HTML 156Page - Renesas Technology Corp F24 Datasheet HTML 157Page - Renesas Technology Corp F24 Datasheet HTML 158Page - Renesas Technology Corp F24 Datasheet HTML 159Page - Renesas Technology Corp F24 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 156 of 207
Dec 31, 2025
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(4/6)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, low
VIL1
P00 to P03, P10 to P17, P30
to P32, P40 to P47, P50 to
P57, P60 to P67, P70 to P77,
P106, P107, P120, P125 to
P127, P140, P150 to P157
(Schmitt 1 mode)
4.0 V
≤ EVDD0 ≤ 5.5 V
0
0.35 EVDD0
V
2.7 V
≤ EVDD0 < 4.0 V
0
0.3 EVDD0
V
VIL2
P10, P11, P13, P14, P16,
P17, P30, P41, P43, P50, P52
to P54, P60 to P63, P70, P71,
P73, P75 to P77, P107, P120,
P125, P150, P152, P153
(Schmitt 3 mode)
4.0 V
≤ EVDD0 ≤ 5.5 V
0
0.5 EVDD0
V
2.7 V
≤ EVDD0 < 4.0 V
0
0.4 EVDD0
V
VIL3
P10, P11, P13, P14, P16,
P17, P30, P54, P62, P63,
P70, P71, P73, P125
(TTL mode)
4.0 V
≤ EVDD0 ≤ 5.5 V
0
0.8
V
2.7 V
≤ EVDD0 < 4.0 V
0
0.5
V
VIL4
P33, P34, P80 to P87, P90 to
P97, P100 to P105, P137
(fixed to Schmitt 3 mode)
4.0 V
≤ VDD ≤ 5.5 V
0
0.5 VDD
V
2.7 V
≤ VDD < 4.0 V
0
0.4 VDD
V
VIL5
RESET
(fixed to Schmitt 1 mode)
4.0 V
≤ VDD ≤ 5.5 V
0
0.35 VDD
V
2.7 V
≤ VDD < 4.0 V
0
0.3 VDD
V
VIL6
P121 to P124, EXCLK,
EXCLKS
(fixed to Schmitt 2 mode)
4.0 V
≤ VDD ≤ 5.5 V
0
0.2 VDD
V
2.7 V
≤ VDD < 4.0 V
0
0.2 VDD
V
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com