Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 138Page - Renesas Technology Corp F24 Datasheet HTML 139Page - Renesas Technology Corp F24 Datasheet HTML 140Page - Renesas Technology Corp F24 Datasheet HTML 141Page - Renesas Technology Corp F24 Datasheet HTML 142Page - Renesas Technology Corp F24 Datasheet HTML 143Page - Renesas Technology Corp F24 Datasheet HTML 144Page - Renesas Technology Corp F24 Datasheet HTML 145Page - Renesas Technology Corp F24 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 210 page
background image
RL78/F23, F24
4. ELECTRICAL SPECIFICATIONS (GRADE 4)
R01DS0446EJ0120 Rev.1.20
Page 142 of 207
Dec 31, 2025
4.7 Power Supply Voltage Rising Time
(TA = -40 to +125
°C, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Maximum power supply voltage
rising slope
Svrmax
0 V
→ VDD (VPOC2 = 0 or 1 Note 2)
50 Note 3
V/ms
Minimum power supply voltage
rising slope Note 1
Svrmin
0 V
→ 2.7 V
6.5
V/ms
Notes 1. The minimum power supply voltage rising slope is applied only under the following condition.
When the voltage detection (LVD) circuit is not used (VPOC2 = 1) and an external reset circuit is not used or
when a reset is not effected until VDD = 2.7 V.
2. These values indicate setting values of option bytes.
3. If the power supply drops below VPDR and a POR reset is effected, this specification is also applied when the
power supply is recovered without dropping to 0 V.
4.8 Regulator Output Voltage Characteristics
(TA = -40 to +125
°C, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
REGC output voltage Note
VOREGC
C = 0.47 to 1 µF
2.0
2.1
2.2
V
Note Other than the following conditions are applicable.
In STOP mode.
When the high-speed system clock (fMX), the high-speed on-chip oscillator clock (fIH), and PLL clock (fPLL) are
stopped during CPU operation with the subsystem/low-speed on-chip oscillator clock select clock (fSL).
When the hifh-speed system clock (fMX), the high-speed on-chip oscillator clock (fIH), and PLL clock (fPLL) are
stopped during the HALT mode when the CPU operation with the subsystem/low-speed on-chip oscillator
clock select (fSL) has been set.
4.9 RAM Data Retention Characteristics
(TA = -40 to +125
°C, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.47 Note
5.5
V
Note This depends on the POR detection voltage. For a falling voltage, data in RAM are retained until the voltage
reaches the level that triggers a POR reset but not once it reaches the level at which a POR reset is generated.
Standby release signal
(interrupt request)
RAM data retention
STOP instruction execution
STOP mode
Operation mode
VDDDR
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com