| Electronic Components Datasheet Search |
|
LAN9313 Datasheet(PDF) 103 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9313 Datasheet(HTML) 103 Page - SMSC Corporation |
|
103 / 398 page ![]() Three Port 10/100 Managed Ethernet Switch with MII Datasheet SMSC LAN9313/LAN9313i 103 Revision 1.2 (04-08-08) DATASHEET Figure 8.1 illustrates the process required to perform an EEPROM read or write operation. 8.2.2 I2C EEPROM The I2C master implements a low level serial interface (start and stop condition generation, data bit transmission and reception, acknowledge generation and reception) for connection to I2C EEPROMs, and consists of a data wire (EE_SDA) and a serial clock (EE_SCL). The serial clock is driven by the master, while the data wire is bi-directional. Both signals are open-drain and require external pull-up resistors. The serial clock is also used as an input as it can be held low by the slave device in order to wait- state the data cycle. Once the slave has data available or is ready to receive, it will release the clock. Assuming the masters clock low time is also expired, the clock will rise and the cycle will continue. In the event that the slave device holds the clock low for more than 30mS, the current command sequence is aborted and the EPC_TIMEOUT bit in the EEPROM Command Register (E2P_CMD) is set. Both the clock and data signals have Schmitt trigger inputs and digital input filters. The digital filters reject pulses that are less than 100nS. Note: Since the I2C master is designed to access EEPROM only, multi-master arbitration is not supported. Based on the configuration strap eeprom_size_strap, various sized I2C EEPROMs are supported. The varying size ranges are supported by additional bits in the address field (EPC_ADDRESS) of the EEPROM Command Register (E2P_CMD). Within each size range, the largest EEPROM uses all the address bits, while the smaller EEPROMs treat the upper address bits as don’t cares. The EEPROM Figure 8.1 EEPROM Access Flow Diagram EEPROM Write Idle Write E2P_DATA Register Write E2P_CMD Register Read E2P_CMD Register EPC_BUSY = 0 EEPROM Read Idle Write E2P_CMD Register Read E2P_CMD Register Read E2P_DATA Register EPC_BUSY = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |