| Electronic Components Datasheet Search |
|
LAN9313 Datasheet(PDF) 107 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9313 Datasheet(HTML) 107 Page - SMSC Corporation |
|
107 / 398 page ![]() Three Port 10/100 Managed Ethernet Switch with MII Datasheet SMSC LAN9313/LAN9313i 107 Revision 1.2 (04-08-08) DATASHEET Sequential reads are used by the EEPROM Loader. Refer to Section 8.2.4, "EEPROM Loader" for additional information. For a register level description of a read operation, refer to Section 8.2.1, "EEPROM Controller Operation," on page 102. 8.2.2.5 I2C EEPROM Byte Writes Following the device addressing, a data byte may be written to the EEPROM by outputting the data after receiving the acknowledge from the EEPROM. The data byte is acknowledged by the EEPROM slave and the I2C master finishes the write cycle with a stop condition. If the EEPROM slave fails to send an acknowledge, then the sequence is aborted and the EPC_TIMEOUT bit in the EEPROM Command Register (E2P_CMD) is set. Following the data byte write cycle, the I2C master will poll the EEPROM to determine when the byte write is finished. A start condition is sent followed by a control byte with a control code of 1010b, chip/block select bits low, and the R/~W bit low. If the EEPROM is finished with the byte write, it will respond with an acknowledge. Otherwise, it will respond with a no-acknowledge and the I2C master will repeat the poll. If the acknowledge does not occur within 30mS, a time-out occurs. Once the I2C master receives the acknowledge, it concludes by sending a start condition, followed by a stop condition, which will place the EEPROM into standby. Figure 8.4 illustrates typical I2C EEPROM byte write. For a register level description of a write operation, refer to Section 8.2.1, "EEPROM Controller Operation," on page 102. Figure 8.6 I2C EEPROM Byte Write A C K Data Byte P A C K S 1 0 1 0 0 Control Byte 0 0 0 S 1 0 1 0 0 0 0 0 S 1 0 1 0 0 0 0 0 ... D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 A C K A C K A C K S P Poll Cycle Poll Cycle Poll Cycle Data Cycle Conclude R/~W Chip / Block Select Bits R/~W Chip / Block Select Bits R/~W Chip / Block Select Bits Control Byte Control Byte |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |