Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 108 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 108 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 104Page - SMSC Corporation LAN9313 Datasheet HTML 105Page - SMSC Corporation LAN9313 Datasheet HTML 106Page - SMSC Corporation LAN9313 Datasheet HTML 107Page - SMSC Corporation LAN9313 Datasheet HTML 108Page - SMSC Corporation LAN9313 Datasheet HTML 109Page - SMSC Corporation LAN9313 Datasheet HTML 110Page - SMSC Corporation LAN9313 Datasheet HTML 111Page - SMSC Corporation LAN9313 Datasheet HTML 112Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
108
SMSC LAN9313/LAN9313i
DATASHEET
8.2.3
Microwire EEPROM
Based on the configuration strap eeprom_type_strap, various sized Microwire EEPROMs are
supported. The varying size ranges are supported by additional bits in the address field
(EPC_ADDRESS) of the EEPROM Command Register (E2P_CMD). Within each size range, the
largest EEPROM uses all the address bits, while the smaller EEPROMs treat the upper address bits
as don’t cares. The EEPROM controller drives all the address bits as requested regardless of the
actual size of the EEPROM. The supported size ranges for Microwire operation are shown in Table 8.3.
Refer to Section 14.5.4, "Microwire Timing," on page 392 for detailed Microwire timing information.
8.2.3.1
Microwire Master Commands
Table 8.4, Table 8.5, and Table 8.6 detail the Microwire command set, including the number of clock
cycles required, for 7, 9, and 11 address bits respectively. These commands are detailed in the
following sections as well as in Section 13.1.3.1, "EEPROM Command Register (E2P_CMD)," on
page 160.
Table 8.3 Microwire EEPROM Size Ranges
eeprom_size_strap[1:0]
# OF ADDRESS BITS
EEPROM SIZE
EEPROM TYPES
00
7
128 x 8
93xx46A
01
9
256 x 8 and 512 x 8
93xx56A, 93xx66A
10
11
1024 x 8 and 2048 x 8
93xx76A, 93xx86A
11
RESERVED
Table 8.4 Microwire Command Set for 7 Address Bits
INST
START
BIT
OPCODE
ADDRESS
DATA TO
EEPROM
DATA FROM
EEPROM
# OF
CLOCKS
ERASE
1
11
A6 A5 A4 A3 A2 A1 A0
-
(RDY/~BSY)
10
ERAL
1
00
1 0 X X X X X
-
(RDY/~BSY)
10
EWDS
1
00
0 0 X X X X X
-
Hi-Z
10
EWEN
1
00
1 1 X X X X X
-
Hi-Z
10
READ
1
10
A6 A5 A4 A3 A2 A1 A0
-
D7 - D0
18
WRITE
1
01
A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/~BSY)
18
WRAL
1
00
0 1 X X X X X
D7 - D0
(RDY/~BSY)
18
Table 8.5 Microwire Command Set for 9 Address Bits
INST
START
BIT
OPCODE
ADDRESS
DATA TO
EEPROM
DATA FROM
EEPROM
# OF
CLOCKS
ERASE
1
11
A8 A7 A6 A5 A4 A3 A2 A1 A0
-
(RDY/~BSY)
12
ERAL
1
00
1 0 X X X X X X X
-
(RDY/~BSY)
12
EWDS
1
00
0 0 X X X X X X X
-
Hi-Z
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com