Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 111 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 111 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 107Page - SMSC Corporation LAN9313 Datasheet HTML 108Page - SMSC Corporation LAN9313 Datasheet HTML 109Page - SMSC Corporation LAN9313 Datasheet HTML 110Page - SMSC Corporation LAN9313 Datasheet HTML 111Page - SMSC Corporation LAN9313 Datasheet HTML 112Page - SMSC Corporation LAN9313 Datasheet HTML 113Page - SMSC Corporation LAN9313 Datasheet HTML 114Page - SMSC Corporation LAN9313 Datasheet HTML 115Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
111
Revision 1.2 (04-08-08)
DATASHEET
8.2.3.5
EWEN (Erase/Write Enable)
This command enables the EEPROM for erase and write operations. The EEPROM will allow erase
and write operations until the EWDS command is sent, or until power is cycled.
Note:
The EEPROM will power-up in the erase/write disabled state. Any erase or write operations
will fail until an EWEN command is issued.
8.2.3.6
READ (Read Location)
This command will cause a read of the EEPROM location pointed to by the EPC_ADDRESS field of
the EEPROM Command Register (E2P_CMD). The result of the read is available in the EEPROM Data
Register (E2P_DATA).
Figure 8.10 EEPROM EWEN Cycle
Figure 8.11 EEPROM READ Cycle
0
10
11
EECLK
EEDI
EEDO
EECS
1
10
Ax
A0
D7
D0
EECLK
EEDI
EEDO
EECS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com