Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 113 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 113 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 109Page - SMSC Corporation LAN9313 Datasheet HTML 110Page - SMSC Corporation LAN9313 Datasheet HTML 111Page - SMSC Corporation LAN9313 Datasheet HTML 112Page - SMSC Corporation LAN9313 Datasheet HTML 113Page - SMSC Corporation LAN9313 Datasheet HTML 114Page - SMSC Corporation LAN9313 Datasheet HTML 115Page - SMSC Corporation LAN9313 Datasheet HTML 116Page - SMSC Corporation LAN9313 Datasheet HTML 117Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
113
Revision 1.2 (04-08-08)
DATASHEET
8.2.4
EEPROM Loader
The EEPROM Loader interfaces to the I2C/Microwire EEPROM controller, the PHYs, and to the system
CSRs (via the Register Access MUX). All system CSRs are accessible to the EEPROM Loader.
The EEPROM Loader runs upon a pin reset (nRST), power-on reset (POR), digital reset
(DIGITAL_RST bit in the Reset Control Register (RESET_CTL)), or upon the issuance of a RELOAD
command via the EEPROM Command Register (E2P_CMD). Refer to Section 4.2, "Resets," on
page 41 for additional information on the LAN9313/LAN9313i resets.
The EEPROM contents must be loaded in a specific format for use with the EEPROM Loader. An
overview of the EEPROM content format is shown in Table 8.7. Each section of EEPROM contents is
discussed in detail in the following sections.
8.2.4.1
EEPROM Loader Operation
Upon a pin reset (nRST), power-on reset (POR), digital reset (DIGITAL_RST bit in the Reset Control
Register (RESET_CTL)), or upon the issuance of a RELOAD command via the EEPROM Command
Register (E2P_CMD), the EPC_BUSY bit in the EEPROM Command Register (E2P_CMD) will be set.
While the EEPROM Loader is active, the READY bit of the Hardware Configuration Register
(HW_CFG) is cleared and no writes to the LAN9313/LAN9313i should be attempted. The operational
flow of the EEPROM Loader can be seen in Figure 8.14.
Table 8.7 EEPROM Contents Format Overview
EEPROM ADDRESS
DESCRIPTION
VALUE
0
EEPROM Valid Flag
A5h
1
MAC Address Low Word [7:0]
1st Byte on the Network
2
MAC Address Low Word [15:8]
2nd Byte on the Network
3
MAC Address Low Word [23:16]
3rd Byte on the Network
4
MAC Address Low Word [31:24]
4th Byte on the Network
5
MAC Address High Word [7:0]
5th Byte on the Network
6
MAC Address High Word [15:8]
6th Byte on the Network
7
Configuration Strap Values Valid Flag
A5h
8 - 11
Configuration Strap Values
See Table 8.8
12
Burst Sequence Valid Flag
A5h
13
Number of Bursts
See Section 8.2.4.5,
"Register Data"
14 and above
Burst Data
See Section 8.2.4.5,
"Register Data"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com