Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 115 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 115 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 111Page - SMSC Corporation LAN9313 Datasheet HTML 112Page - SMSC Corporation LAN9313 Datasheet HTML 113Page - SMSC Corporation LAN9313 Datasheet HTML 114Page - SMSC Corporation LAN9313 Datasheet HTML 115Page - SMSC Corporation LAN9313 Datasheet HTML 116Page - SMSC Corporation LAN9313 Datasheet HTML 117Page - SMSC Corporation LAN9313 Datasheet HTML 118Page - SMSC Corporation LAN9313 Datasheet HTML 119Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
115
Revision 1.2 (04-08-08)
DATASHEET
8.2.4.2
EEPROM Valid Flag
Following the release of nRST, POR, DIGITAL_RST, or a RELOAD command, the EEPROM Loader
starts by reading the first byte of data from the EEPROM. If the value of A5h is not read from the first
byte, the EEPROM Loader will load the current configuration strap values into the PHY registers (see
Section 8.2.4.4.1) and then terminate, clearing the EPC_BUSY bit in the EEPROM Command Register
(E2P_CMD). Otherwise, the EEPROM Loader will continue reading sequential bytes from the
EEPROM.
8.2.4.3
MAC Address
The next six bytes in the EEPROM, after the EEPROM Valid Flag, are written into the Switch Fabric
MAC Address High Register (SWITCH_MAC_ADDRH) and Switch Fabric MAC Address Low Register
(SWITCH_MAC_ADDRL). The EEPROM bytes are written into the MAC address registers in the order
specified in Table 8.7.
8.2.4.4
Soft-Straps
The 7th byte of data to be read from the EEPROM is the Configuration Strap Values Valid Flag. If this
byte has a value of A5h, the next 4 bytes of data (8-11) are written into the configuration strap registers
per the assignments detailed in Table 8.8. If the flag byte is not A5h, these next 4 bytes are skipped
(they are still read to maintain the data burst, but are discarded). However, the current configuration
strap values are still loaded into the PHY registers (see Section 8.2.4.4.1). Refer to Section 4.2.4,
"Configuration Straps," on page 45 for more information on the LAN9313/LAN9313i configuration
straps.
8.2.4.4.1
PHY REGISTERS SYNCHRONIZATION
Some PHY register defaults are based on configuration straps. In order to maintain consistency
between the updated configuration strap registers and the PHY registers, the Port x PHY Auto-
Negotiation Advertisement Register (PHY_AN_ADV_x), Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x), and Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x) are
written when the EEPROM Loader is run.
The Port x PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV_x) is written with the new
defaults as detailed in Section 13.2.2.5, "Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)," on page 239.
The Port x PHY Special Modes Register (PHY_SPECIAL_MODES_x) is written with the new defaults
as detailed in Section 13.2.2.9, "Port x PHY Special Modes Register (PHY_SPECIAL_MODES_x)," on
page 246.
The Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x) is written with the new defaults
as detailed in Section 13.2.2.1, "Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x)," on
page 233. Additionally, the Restart Auto-negotiation bit is set in this register. This re-runs the Auto-
negotiation using the new default values of the Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x) register to determine the new Auto-negotiation results.
Table 8.8 EEPROM Configuration Bits
BYTE/BIT
765
4
321
0
Byte 8
BP_EN_
strap_1
FD_FC_
strap_1
manual_
FC_strap_1
manual_mdix
_strap_1
auto_mdix_
strap_1
speed_
strap_1
duplex_
strap_1
autoneg_
strap_1
Byte 9
BP_EN_
strap_2
FD_FC_
strap_2
manual_
FC_strap_2
manual_mdix
_strap_2
auto_mdix_
strap_2
speed_
strap_2
duplex_
strap_2
autoneg_
strap_2
Byte 10
LED_fun_strap[1:0]
BP_EN_
strap_mii
FD_FC_
strap_mii
manual_FC
_strap_mii
speed_
strap_mii
duplex_pol_
strap_mii
SQE_test_
disable_strap
_mii
Byte 11
LED_en_strap[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com