Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 118 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 118 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 114Page - SMSC Corporation LAN9313 Datasheet HTML 115Page - SMSC Corporation LAN9313 Datasheet HTML 116Page - SMSC Corporation LAN9313 Datasheet HTML 117Page - SMSC Corporation LAN9313 Datasheet HTML 118Page - SMSC Corporation LAN9313 Datasheet HTML 119Page - SMSC Corporation LAN9313 Datasheet HTML 120Page - SMSC Corporation LAN9313 Datasheet HTML 121Page - SMSC Corporation LAN9313 Datasheet HTML 122Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
118
SMSC LAN9313/LAN9313i
DATASHEET
8.3
SPI/I2C Slave Controller
The SPI/I2C slave controller functionality is dependant on the management mode of the
LAN9313/LAN9313i. When in MAC/PHY I2C managed modes, the I2C controller is enabled. When in
MAC/PHY SPI managed modes, the SPI controller is enabled. The SPI/I2C serial management pins
functionality and characteristics differ dependant on the selected modes as summarized in Table 8.9.
Details on the various management modes and their configuration settings are provided in Section 2.3,
"Modes of Operation," on page 23.
8.4
SPI Slave Operation
When in MAC/PHY SPI managed mode, the SPI slave interface is used for CPU management of the
LAN9313/LAN9313i. All system CSRs are accessible to the CPU in these modes. SPI mode is
selected when the mngt_mode_strap[1:0] inputs are set to 11b. The SPI slave interface supports single
register and multiple register read and write commands. Multiple read and multiple write commands
support incrementing, decrementing, and static addressing.
Input data on the SI pin is sampled on the rising edge of the SCK input clock. Output data is sourced
on the SO pin with the falling edge of the clock. The SCK input clock can be either an active high
pulse or an active low pulse. When the nSCS chip select input is high, the SI input pin is ignored and
the SO output pin is three-stated.
A read or write command is started on the first rising edge of the input clock after nSCS goes low. An
8-bit instruction is then driven onto the line followed by an 8-bit register address field. All registers are
accessed as DWORDs. Appending two 0 bits to the address field will form the register address. This
is followed by one or more 32-bit data fields. All registers are accessed as DWORDs. All instructions,
addresses and data are transferred with the most-significant bit (msb) first. Data is transferred with the
most-significant byte (MSB) first (little endian).
The SPI interface supports up to a 10MHz input clock. A detailed SPI timing diagram is provided in
Section 14.5.5, "SPI Slave Timing," on page 393.
Table 8.9 SPI / I2C Slave Serial Management Pins Characteristics
MODE(S)
SI/SDA PIN
SO PIN
nSCS PIN
SCK/SCL PIN
MAC/PHY Modes
Unmanaged
MAC/PHY Modes
SMI Managed
NOT USED
Input disabled
Output disabled
Pull-up enabled
NOT USED
Output enabled
(driven low)
NOT USED
Input disabled
Pull-up enabled
NOT USED
Input disabled
Pull-up enabled
MAC/PHY Modes
SPI Managed
SI
Input to SPI slave
Output disabled
Pull-up enabled
SO
Three-state output
from SPI slave
nSCS
Input to SPI slave
Pull-up enabled
SCK
Input to SPI slave
Pull-up enabled
MAC/PHY Modes
I2C Managed
SDA
Input to I2C slave
Open-drain output
from I2C slave
Pull-up disabled
NOT USED
Output enabled
(driven low)
NOT USED
Input disabled
Pull-up enabled
SCL
Input to I2C slave
Pull-up disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com