Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 121 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 121 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 117Page - SMSC Corporation LAN9313 Datasheet HTML 118Page - SMSC Corporation LAN9313 Datasheet HTML 119Page - SMSC Corporation LAN9313 Datasheet HTML 120Page - SMSC Corporation LAN9313 Datasheet HTML 121Page - SMSC Corporation LAN9313 Datasheet HTML 122Page - SMSC Corporation LAN9313 Datasheet HTML 123Page - SMSC Corporation LAN9313 Datasheet HTML 124Page - SMSC Corporation LAN9313 Datasheet HTML 125Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
121
Revision 1.2 (04-08-08)
DATASHEET
Figure 8.2 illustrates a typical single and multiple register write.
8.5
I2C Slave Operation
When in MAC/PHY I2C managed mode, the I2C slave interface is used for CPU management of the
LAN9313/LAN9313i. All system CSRs are accessible to the CPU in these modes. I2C mode is selected
when the mngt_mode_strap[1:0] inputs are set to 10b. The I2C slave controller implements the low
level I2C slave serial interface (start and stop condition detection, data bit transmission and reception,
and acknowledge generation and reception), handles the slave command protocol, and performs
system register reads and writes. The I2C slave controller conforms to the Philips I2C-Bus
Specification
.
The I2C slave serial interface consists of a data wire (SDA) and a serial clock (SCL). The serial clock
is driven by the master, while the data wire is bi-directional. Both signals are open-drain and require
external pull-up resistors. Both signals include Schmitt trigger inputs and digital input filters. The digital
filters reject pulses that are less than 100nS.
The I2C slave serial interface supports the standard-mode speed of up to 100KHz and the fast-mode
speed of 400KHz. Refer to the Philips I2C-Bus Specification for detailed I2C timing information.
8.5.1
I2C Slave Command Format
The I2C slave serial interface supports single register and multiple register read and write commands.
A read or write command is started by the master first sending a start condition, followed by a control
byte. The control byte consists of a 7-bit slave address and a 1-bit read/write indication (R/~W). The
slave address used by the LAN9313/LAN9313i is 0001010b, written as SA6 (first bit on the wire)
through SA0 (last bit on the wire). Assuming the slave address in the control byte matches this
address, the control byte is acknowledged by the LAN9313/LAN9313i. Otherwise, the entire sequence
is ignored until the next start condition. The I2C command format can be seen in Figure 8.3.
If the read/write indication (R/~W) in the control byte is a 0 (indicating a potential write), the next byte
sent by the master is the register address. After the address byte is acknowledged by the
Figure 8.2 SPI Writes
Single Register Write
0
000
1
X
Instruction
1
Address
A9
Data
X
X
A8
A7
A6
A5
A4
A3
A2
Multiple Register Writes
000
0
1
X
Instruction
dec
1
Address
A9
X
inc
A8
A7
A6
A5
A4
A3
A2
00
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
4
5
4
6
4
7
4
8
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
X
D
31
D
30
D
29
D2
D1
D0
X
X
D
31
D
30
D
29
D2
D1
D0
D
31
D
30
D
29
D2
D1
D0
Z
Z
X
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
4
5
4
6
4
7
4
8
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
X
..
.
..
.
..
.
..
...
.
..
...
.
..
...
.
SCK (active high)
SI
SO
nSCS
SCK (active low)
SCK (active high)
SI
SO
nSCS
SCK (active low)
Data 1...
...Data m
...Data m+1
...Data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com