Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 125 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 125 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 121Page - SMSC Corporation LAN9313 Datasheet HTML 122Page - SMSC Corporation LAN9313 Datasheet HTML 123Page - SMSC Corporation LAN9313 Datasheet HTML 124Page - SMSC Corporation LAN9313 Datasheet HTML 125Page - SMSC Corporation LAN9313 Datasheet HTML 126Page - SMSC Corporation LAN9313 Datasheet HTML 127Page - SMSC Corporation LAN9313 Datasheet HTML 128Page - SMSC Corporation LAN9313 Datasheet HTML 129Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
125
Revision 1.2 (04-08-08)
DATASHEET
Chapter 9 MII Management
9.1
Functional Overview
This chapter details the MII management functionality provided by the LAN9313/LAN9313i, which
includes the SMI Slave Controller, PHY Management Interface (PMI), and the MII Mode Multiplexer.
The SMI Slave Controller is used for CPU management of the LAN9313/LAN9313i via the MII pins,
and allows CPU access to all system CSRs. The PHY Management Interface (PMI) is used to access
the internal PHYs and optional external PHY, dependant on the management mode. The PMI
implements the IEEE 802.3 management protocol. The MII Mode Multiplexer is used to direct the
connections of the MII data path and MII management path based on the selected mode of the device.
9.2
SMI Slave Controller
The SMI slave controller uses the same pins and protocol as the IEEE 802.3 MII management function,
and differs only in that SMI provides access to all internal registers by using a non-standard extended
addressing map. The SMI protocol co-exists with the MII management protocol by using the upper half
of the PHY address space (16 through 31). All direct and indirect registers of the LAN9313/LAN9313i
can be accessed. The SMI management mode is selected when the mngt_mode_strap[1:0] inputs are
set to 01b. A list of management modes and their configuration settings are discussed in Section 2.3,
"Modes of Operation," on page 23.
The MII management protocol is limited to 16-bit data accesses. The protocol is also limited to 5 PHY
address bits and 5 register address bits. The SMI frame format can be seen in Table 9.1. The
LAN9313/LAN9313i uses the PHY Address field bits 3:0 as the system register address bits 9:6, and
the Register Address field as the system register address bits 5:1. Therefore, Register Address field
bit 0 is used as the upper/lower word select. The LAN9313/LAN9313i requires two back-to-back
accesses to each register (with alternate settings of Register Address field bit 0) which are combined
to form a 32-bit access. The access may be performed in any order.
Note:
When accessing the LAN9313/LAN9313i, the pair of cycles must be atomic. In this case, the
first host SMI cycle is performed to the low/high word and the second host SMI cycle is
performed to the high/low word, forming a 32-bit transaction with no cycles to the
LAN9313/LAN9313i in between. With the exception of Register Address field bit 0, all address
and control bits must be the same for both 16-bit cycles of a 32-bit transaction.
Input data on the MDIO pin is sampled on the rising edge of the MDC input clock. Output data is
sourced on the MDIO pin with the rising edge of the clock. The MDIO pin is three-stated unless actively
driving read data.
A read or a write is performed using the frame format shown in Table 9.1. All addresses and data are
transferred msb first. Data bytes are transferred little endian. When Register Address bit 0 is 1, bytes
3 & 2 are selected with byte 3 occurring first. When Register Address bit 0 is 0, bytes 1 & 0 are
selected with byte 1 occurring first.
Table 9.1 SMI Frame Format
PREAMBLE
START
OP
CODE
PHY
ADDRESS
Note 9.1
REGISTER
ADDRESS
Note 9.1
TURN-
AROUND
TIME
Note 9.2
DATA
IDLE
Note
9.3
READ
32 1’s
01
10
1AAAA
9876
AAAAA
54321
Z0
DDDDDDDDDDDDDDDD
1111110000000000
5432109876543210
Z
WRITE
32 1’s
01
01
1AAAA
9876
AAAAA
54321
10
DDDDDDDDDDDDDDDD
1111110000000000
5432109876543210
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com