Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 112 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 112 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 108Page - SMSC Corporation LAN9313 Datasheet HTML 109Page - SMSC Corporation LAN9313 Datasheet HTML 110Page - SMSC Corporation LAN9313 Datasheet HTML 111Page - SMSC Corporation LAN9313 Datasheet HTML 112Page - SMSC Corporation LAN9313 Datasheet HTML 113Page - SMSC Corporation LAN9313 Datasheet HTML 114Page - SMSC Corporation LAN9313 Datasheet HTML 115Page - SMSC Corporation LAN9313 Datasheet HTML 116Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
112
SMSC LAN9313/LAN9313i
DATASHEET
8.2.3.7
WRITE (Write Location)
If erase/write operations are enabled in the EEPROM, this command will cause the contents of the
EEPROM Data Register (E2P_DATA) to be written to the EEPROM location pointed to by the
EPC_ADDRESS field of the EEPROM Command Register (E2P_CMD). The EPC_TIMEOUT bit of the
EEPROM Command Register (E2P_CMD) is set if the EEPROM does not respond within 30mS.
8.2.3.8
WRAL (Write All)
If erase/write operations are enabled in the EEPROM, this command will cause the contents of the
EEPROM Data Register (E2P_DATA) to be written to every EEPROM memory location. The
EPC_TIMEOUT bit of the EEPROM Command Register (E2P_CMD) is set if the EEPROM does not
respond within 30mS.
Figure 8.12 EEPROM WRITE Cycle
Figure 8.13 EEPROM WRAL Cycle
0
11
Ax
A0
D7
D0
EECLK
EEDI
EEDO
EECS
0
1
D7
D0
0
01
EECLK
EEDI
EEDO
EECS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com