Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 184 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 184 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 180Page - SMSC Corporation LAN9313 Datasheet HTML 181Page - SMSC Corporation LAN9313 Datasheet HTML 182Page - SMSC Corporation LAN9313 Datasheet HTML 183Page - SMSC Corporation LAN9313 Datasheet HTML 184Page - SMSC Corporation LAN9313 Datasheet HTML 185Page - SMSC Corporation LAN9313 Datasheet HTML 186Page - SMSC Corporation LAN9313 Datasheet HTML 187Page - SMSC Corporation LAN9313 Datasheet HTML 188Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
184
SMSC LAN9313/LAN9313i
DATASHEET
13.1.4.21
1588 Auxiliary MAC Address Low-DWORD Register (1588_AUX_MAC_LO)
This read/write register combined with the 1588 Auxiliary MAC Address High-WORD Register
(1588_AUX_MAC_HI) forms the 48-bit Auxiliary (user defined) MAC address. The Auxiliary MAC
address can be enabled for each port of the LAN9313/LAN9313i via their respective User Defined
MAC Address Enable bit in the 1588 Configuration Register (1588_CONFIG). Refer to Chapter 10,
"IEEE 1588 Hardware Time Stamp Unit," on page 134 for additional information.
Offset:
190h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Auxiliary MAC Address Low (AUX_MAC_LO)
This field contains the low 32-bits of the Auxiliary MAC address used for
PTP packet detection.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com