Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 185 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 185 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 181Page - SMSC Corporation LAN9313 Datasheet HTML 182Page - SMSC Corporation LAN9313 Datasheet HTML 183Page - SMSC Corporation LAN9313 Datasheet HTML 184Page - SMSC Corporation LAN9313 Datasheet HTML 185Page - SMSC Corporation LAN9313 Datasheet HTML 186Page - SMSC Corporation LAN9313 Datasheet HTML 187Page - SMSC Corporation LAN9313 Datasheet HTML 188Page - SMSC Corporation LAN9313 Datasheet HTML 189Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
185
Revision 1.2 (04-08-08)
DATASHEET
13.1.4.22
1588 Configuration Register (1588_CONFIG)
This read/write register is responsible for the configuration of the 1588 timestamps for all ports.
Offset:
194h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Master/Slave Port 2 (M_nS_2)
When set, Port 2 is a time clock master and captures timestamps when a
Sync packet is transmitted and when a Delay_Req is received. When
cleared, Port 2 is a time clock slave and captures timestamps when a
Delay_Req packet is transmitted and when a Sync packet is received.
R/W
0b
30
Primary MAC Address Enable Port 2 (MAC_PRI_EN_2)
This bit enables/disables the primary MAC address on Port 2.
0: Disables primary MAC address on Port 2
1: Enables MAC address 01:00:5E:00:01:81 as a PTP address on Port 2
R/W
1b
29
Alternate MAC Address 1 Enable Port 2 (MAC_ALT1_EN_2)
This bit enables/disables the alternate MAC address 1 on Port 2.
0: Disables alternate MAC address on Port 2
1: Enables MAC address 01:00:5E:00:01:82 as a PTP address on Port 2
R/W
0b
28
Alternate MAC Address 2 Enable Port 2 (MAC_ALT2_EN_2)
This bit enables/disables the alternate MAC address 2 on Port 2.
0: Disables alternate MAC address on Port 2
1: Enables MAC address 01:00:5E:00:01:83 as a PTP address on Port 2
R/W
0b
27
Alternate MAC Address 3 Enable Port 2 (MAC_ALT3_EN_2)
This bit enables/disables the alternate MAC address 3 on Port 2.
0: Disables alternate MAC address on Port 2
1: Enables MAC address 01:00:5E:00:01:84 as a PTP address on Port 2
R/W
0b
26
User Defined MAC Address Enable Port 2 (MAC_USER_EN_2)
This bit enables/disables the auxiliary MAC address on Port 2. The auxiliary
address is defined via the 1588_AUX_MAC_HI and 1588_AUX_MAC_LO
registers.
0: Disables auxiliary MAC address on Port 2
1: Enables auxiliary MAC address as a PTP address on Port 2
R/W
0b
25
Lock Enable RX Port 2 (LOCK_RX_2)
This bit enables/disables the RX lock. This lock prevents a 1588 capture
from overwriting the Clock, UUDI and Sequence ID values if the 1588 RX
interrupt for Port 2 is already set due to a previous capture.
0: Disables RX Port 2 Lock
1: Enables RX Port 2 Lock
R/W
1b
24
Lock Enable TX Port 2 (LOCK_TX_2)
This bit enables/disables the TX lock. This lock prevents a 1588 capture
from overwriting the Clock, UUDI and Sequence ID values if the 1588 TX
interrupt for Port 2 is already set due to a previous capture.
0: Disables TX Port 2 Lock
1: Enables TX Port 2 Lock
R/W
1b
23
Master/Slave Port 1 (M_nS_1)
When set, Port 1 is a time clock master and captures timestamps when a
Sync packet is transmitted and when a Delay_Req is received. When
cleared, Port 1 is a time clock slave and captures timestamps when a
Delay_Req packet is transmitted and when a Sync packet is received.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com