Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 239 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 239 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 235Page - SMSC Corporation LAN9313 Datasheet HTML 236Page - SMSC Corporation LAN9313 Datasheet HTML 237Page - SMSC Corporation LAN9313 Datasheet HTML 238Page - SMSC Corporation LAN9313 Datasheet HTML 239Page - SMSC Corporation LAN9313 Datasheet HTML 240Page - SMSC Corporation LAN9313 Datasheet HTML 241Page - SMSC Corporation LAN9313 Datasheet HTML 242Page - SMSC Corporation LAN9313 Datasheet HTML 243Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
239
Revision 1.2 (04-08-08)
DATASHEET
13.2.2.5
Port x PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV_x)
This read/write register contains the advertised ability of the Port x PHY and is used in the Auto-
Negotiation process with the link partner.
Note:
This register is re-written by the EEPROM Loader following the release of reset or a RELOAD
command. Refer to Section 8.2.4, "EEPROM Loader," on page 113 for additional information.
Index (decimal):
4
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Next Page
This bit determines the advertised next page capability. The
LAN9313/LAN9313i is not next page capable. Therefore, this bit must
always be 0.
0: PHY does not advertise next page capability
1: PHY advertises next page capability
R/W
0b
14
RESERVED
RO
-
13
Remote Fault
This bit determines if remote fault indication will be advertised to the link
partner.
0: Remote fault indication not advertised
1: Remote fault indication advertised
R/W
0b
12
RESERVED
Note:
This bit should be written as 0.
R/W
0b
11
Asymmetric Pause
This bit determines the advertised asymmetric pause capability.
0: No Asymmetric PAUSE toward link partner advertised
1: Asymmetric PAUSE toward link partner advertised
R/W
0b
Note 13.55
10
Symmetric Pause
This bit determines the advertised symmetric pause capability.
0: No Symmetric PAUSE toward link partner advertised
1: Symmetric PAUSE toward link partner advertised
R/W
Note 13.55
Note 13.56
9
100BASE-T4
This bit determines the advertised 100BASE-T4 capability. The
LAN9313/LAN9313i does not support T4 capability. Therefore, this bit must
always be 0.
0: 100BASE-T4 ability not advertised
1: 100BASE-T4 ability advertised
R/W
0b
8
100BASE-X Full Duplex
This bit determines the advertised 100BASE-X full duplex capability.
0: 100BASE-X full duplex ability not advertised
1: 100BASE-X full duplex ability advertised
R/W
1b
7
100BASE-X Half Duplex
This bit determines the advertised 100BASE-X half duplex capability.
0: 100BASE-X half duplex ability not advertised
1: 100BASE-X half duplex ability advertised
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com