Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 322 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 322 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 318Page - SMSC Corporation LAN9313 Datasheet HTML 319Page - SMSC Corporation LAN9313 Datasheet HTML 320Page - SMSC Corporation LAN9313 Datasheet HTML 321Page - SMSC Corporation LAN9313 Datasheet HTML 322Page - SMSC Corporation LAN9313 Datasheet HTML 323Page - SMSC Corporation LAN9313 Datasheet HTML 324Page - SMSC Corporation LAN9313 Datasheet HTML 325Page - SMSC Corporation LAN9313 Datasheet HTML 326Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
322
SMSC LAN9313/LAN9313i
DATASHEET
13.3.3.9
Switch Engine VLAN Write Data Register (SWE_VLAN_WR_DATA)
This register is used write the VLAN or Port VID tables.
Register #:
180Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:18
RESERVED
RO
-
17:0
Port Default VID and Priority
When the port VID table is selected (PVIDnVLAN=1 of the Switch Engine
VLAN Command Register (SWE_VLAN_CMD)), bits 11:0 of this field specify
the default VID for the port and bits 14:12 specify the default priority. All
other bits of this field are reserved. These bits are used when a packet is
received without a VLAN tag or with a NULL VLAN ID. By default, the VID
and priority for all three ports is 0.
Note:
Values of 0 and FFFh should not be used since they are special
VLAN IDs per the IEEE 802.3Q specification.
VLAN Data
When the VLAN table is selected (PVIDnVLAN=0 of the Switch Engine
VLAN Command Register (SWE_VLAN_CMD)), the bits form the VLAN
table entry as follows:
R/W
0b
BITS
DESCRIPTION
DEFAULT
17
Member Port 2
Indicates the configuration of Port 2 for this VLAN entry.
1 = Member - Packets with a VID that matches this entry
are allowed on ingress. The port is a member of the
broadcast domain on egress.
0 = Not a Member - Packets with a VID that matches this
entry are filtered on ingress unless the Admit Non Member
bit in the Switch Engine Admit Non Member Register
(SWE_ADMT_N_MEMBER) is set for this port. The port is
not a member of the broadcast domain on egress.
0b
16
Un-Tag Port 2
When this bit is set, packets received on Port 2 with a VID
that matches this entry will have their tag removed when re-
transmitted by egress ports that are designated as Hybrid
ports via the Buffer Manager Egress Port Type Register
(BM_EGRSS_PORT_TYPE).
0b
15
Member Port 1
See description for Member Port 2.
0b
14
Un-Tag Port 1
See description for Un-Tag Port 2.
0b
13
Member Port 0 (External MII)
See description for Member Port 2.
0b
12
Un-Tag Port 0 (External MII)
See description for Un-Tag Port 2.
0b
11:0
VID
These bits specify the VLAN ID associated with this VLAN
entry.
To disable a VLAN entry, a value of 0 should be used.
Note:
A value of 0 is considered a NULL VLAN and
should not normally be used other than to
disable a VLAN entry.
Note:
A value of 3FFh is considered reserved by IEEE
802.1Q and should not be used.
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com