Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 319 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 319 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 315Page - SMSC Corporation LAN9313 Datasheet HTML 316Page - SMSC Corporation LAN9313 Datasheet HTML 317Page - SMSC Corporation LAN9313 Datasheet HTML 318Page - SMSC Corporation LAN9313 Datasheet HTML 319Page - SMSC Corporation LAN9313 Datasheet HTML 320Page - SMSC Corporation LAN9313 Datasheet HTML 321Page - SMSC Corporation LAN9313 Datasheet HTML 322Page - SMSC Corporation LAN9313 Datasheet HTML 323Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
319
Revision 1.2 (04-08-08)
DATASHEET
13.3.3.6
Switch Engine ALR Command Status Register (SWE_ALR_CMD_STS)
This register indicates the current ALR command status.
Note 13.64
The default value of this bit is 0 immediately following any switch fabric reset and then self-
sets to 1 once the ALR table is initialized.
Register #:
1808h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:2
RESERVED
RO
-
1
ALR Init Done
When set, indicates that the ALR table has finished being initialized by the
reset process. The initialization is performed upon any reset that resets the
switch fabric. The initialization takes approximately 20uS. During this time,
any received packet will be dropped. Software should monitor this bit before
writing any of the ALR tables or registers.
RO
SS
Note 13.64
0
Make Pending
When set, indicates that the Make Entry command is taking place. This bit
is cleared once the Make Entry command has finished.
RO
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com