Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 316 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 316 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 312Page - SMSC Corporation LAN9313 Datasheet HTML 313Page - SMSC Corporation LAN9313 Datasheet HTML 314Page - SMSC Corporation LAN9313 Datasheet HTML 315Page - SMSC Corporation LAN9313 Datasheet HTML 316Page - SMSC Corporation LAN9313 Datasheet HTML 317Page - SMSC Corporation LAN9313 Datasheet HTML 318Page - SMSC Corporation LAN9313 Datasheet HTML 319Page - SMSC Corporation LAN9313 Datasheet HTML 320Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
316
SMSC LAN9313/LAN9313i
DATASHEET
13.3.3.4
Switch Engine ALR Read Data 0 Register (SWE_ALR_RD_DAT_0)
This register is used in conjunction with the Switch Engine ALR Read Data 1 Register
(SWE_ALR_RD_DAT_1) to read the ALR table. It contains the first 32 bits of the ALR entry and is
loaded via the Get First Entry or Get Next Entry commands in the Switch Engine ALR Command
Register (SWE_ALR_CMD). This register is only valid when either of the Valid or End of Table bits in
the Switch Engine ALR Read Data 1 Register (SWE_ALR_RD_DAT_1) are set.
Register #:
1805h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
MAC Address
This field contains the first 32 bits of the ALR entry. These bits correspond
to the first 32 bits of the MAC address. Bit 0 holds the LSB of the first byte
(the multicast bit).
RO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com