Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 317 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 317 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 313Page - SMSC Corporation LAN9313 Datasheet HTML 314Page - SMSC Corporation LAN9313 Datasheet HTML 315Page - SMSC Corporation LAN9313 Datasheet HTML 316Page - SMSC Corporation LAN9313 Datasheet HTML 317Page - SMSC Corporation LAN9313 Datasheet HTML 318Page - SMSC Corporation LAN9313 Datasheet HTML 319Page - SMSC Corporation LAN9313 Datasheet HTML 320Page - SMSC Corporation LAN9313 Datasheet HTML 321Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
317
Revision 1.2 (04-08-08)
DATASHEET
13.3.3.5
Switch Engine ALR Read Data 1 Register (SWE_ALR_RD_DAT_1)
This register is used in conjunction with the Switch Engine ALR Read Data 0 Register
(SWE_ALR_RD_DAT_0) to read the ALR table. It contains the last 32 bits of the ALR entry and is
loaded via the Get First Entry or Get Next Entry commands in the Switch Engine ALR Command
Register (SWE_ALR_CMD). This register is only valid when either of the Valid or End of Table bits are
set.
Register #:
1806h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:25
RESERVED
RO
-
24
Valid
This bit is cleared when the Get First Entry or Get Next Entry bits of the
Switch Engine ALR Command Register (SWE_ALR_CMD) are written. This
bit is set when a valid entry is found in the ALR table. This bit stays cleared
when the top of the ALR table is reached without finding an entry.
RO
0b
23
End of Table
This bit indicates that the end of the ALR table has been reached and further
Get Next Entry commands are not required.
Note:
The Valid bit may or may not be set when the end of the table is
reached.
RO
0b
22
Static
Indicates that this entry will not be removed by the aging process. When this
bit is cleared, this entry will be automatically removed after 5 to 10 minutes
of inactivity. Inactivity is defined as no packets being received with a source
address that matches this MAC address.
RO
0b
21
Filter
When set, indicates that packets with a destination address that matches
this MAC address will be filtered.
RO
0b
20:19
Priority
These bits indicate the priority that is used for packets with a destination
address that matches this MAC address. This priority is only used if the
Static bit of this register is set, and the DA Highest Priority (bit 5) in the
Switch Engine Global Ingress Configuration Register
(SWE_GLOBAL_INGRSS_CFG) register is set.
RO
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com