Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 314 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 314 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 310Page - SMSC Corporation LAN9313 Datasheet HTML 311Page - SMSC Corporation LAN9313 Datasheet HTML 312Page - SMSC Corporation LAN9313 Datasheet HTML 313Page - SMSC Corporation LAN9313 Datasheet HTML 314Page - SMSC Corporation LAN9313 Datasheet HTML 315Page - SMSC Corporation LAN9313 Datasheet HTML 316Page - SMSC Corporation LAN9313 Datasheet HTML 317Page - SMSC Corporation LAN9313 Datasheet HTML 318Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
314
SMSC LAN9313/LAN9313i
DATASHEET
13.3.3.3
Switch Engine ALR Write Data 1 Register (SWE_ALR_WR_DAT_1)
This register is used in conjunction with the Switch Engine ALR Write Data 0 Register
(SWE_ALR_WR_DAT_0) and contains the last 32 bits of ALR data to be manually written via the Make
Entry command in the Switch Engine ALR Command Register (SWE_ALR_CMD).
Register #:
1802h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:25
RESERVED
RO
-
24
Valid
When set, this bit makes the entry valid. It can be cleared to invalidate a
previous entry that contained the specified MAC address.
R/W
0b
23
Age/Override
This bit is used by the aging and forwarding processes.
If the Static bit of this register is cleared, this bit should be set so that the
entry will age in the normal amount of time.
If the Static bit is set, this bit is used as a port state override bit. When set,
packets received with a destination address that matches the MAC address
in the SWE_ALR_WR_DAT_1 and SWE_ALR_WR_DAT_0 registers will be
forwarded regardless of the port state of the ingress or egress port(s). This
is typically used to allow the reception of BPDU packets in the non-
forwarding state.
R/W
0b
22
Static
When this bit is set, this entry will not be removed by the aging process
and/or be changed by the learning process. When this bit is cleared, this
entry will be automatically removed after 5 to 10 minutes of inactivity.
Inactivity is defined as no packets being received with a source address that
matches this MAC address.
Note:
This bit is normally set when adding manual entries. It must be
cleared when removing an entry (clearing the Valid bit).
R/W
0b
21
Filter
When set, packets with a destination address that matches this MAC
address will be filtered.
R/W
0b
20:19
Priority
These bits specify the priority that is used for packets with a destination
address that matches this MAC address. This priority is only used if the
Static bit of this register is set, and the DA Highest Priority (bit 5) in the
Switch Engine Global Ingress Configuration Register
(SWE_GLOBAL_INGRSS_CFG) is set.
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com