Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 313 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 313 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 309Page - SMSC Corporation LAN9313 Datasheet HTML 310Page - SMSC Corporation LAN9313 Datasheet HTML 311Page - SMSC Corporation LAN9313 Datasheet HTML 312Page - SMSC Corporation LAN9313 Datasheet HTML 313Page - SMSC Corporation LAN9313 Datasheet HTML 314Page - SMSC Corporation LAN9313 Datasheet HTML 315Page - SMSC Corporation LAN9313 Datasheet HTML 316Page - SMSC Corporation LAN9313 Datasheet HTML 317Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
313
Revision 1.2 (04-08-08)
DATASHEET
13.3.3.2
Switch Engine ALR Write Data 0 Register (SWE_ALR_WR_DAT_0)
This register is used in conjunction with the Switch Engine ALR Write Data 1 Register
(SWE_ALR_WR_DAT_1) and contains the first 32 bits of ALR data to be manually written via the Make
Entry command in the Switch Engine ALR Command Register (SWE_ALR_CMD).
Register #:
1801h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
MAC Address
This field contains the first 32 bits of the ALR entry that will be written into
the ALR table. These bits correspond to the first 32 bits of the MAC address.
Bit 0 holds the LSB of the first byte (the multicast bit).
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com