Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 310 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 310 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 306Page - SMSC Corporation LAN9313 Datasheet HTML 307Page - SMSC Corporation LAN9313 Datasheet HTML 308Page - SMSC Corporation LAN9313 Datasheet HTML 309Page - SMSC Corporation LAN9313 Datasheet HTML 310Page - SMSC Corporation LAN9313 Datasheet HTML 311Page - SMSC Corporation LAN9313 Datasheet HTML 312Page - SMSC Corporation LAN9313 Datasheet HTML 313Page - SMSC Corporation LAN9313 Datasheet HTML 314Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
310
SMSC LAN9313/LAN9313i
DATASHEET
13.3.2.43
Port x MAC Interrupt Mask Register (MAC_IMR_x)
This register contains the Port x interrupt mask. Port x related interrupts in the Port x MAC Interrupt
Pending Register (MAC_IPR_x) may be masked via this register. An interrupt is masked by setting the
corresponding bit of this register. Clearing a bit will unmask the interrupt. Refer to Chapter 5, "System
Interrupts," on page 52 for more information.
Note:
There are no possible Port x interrupt conditions available. This register exists for future use,
and should be configured as indicated for future compatibility.
Register #:
Port0: 0480h
Size:
32 bits
Port1: 0880h
Port2: 0C80h
BITS
DESCRIPTION
TYPE
DEFAULT
31:8
RESERVED
RO
-
7:0
RESERVED
Note:
These bits must be written as 11h
R/W
11h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com