Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 315 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 315 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 311Page - SMSC Corporation LAN9313 Datasheet HTML 312Page - SMSC Corporation LAN9313 Datasheet HTML 313Page - SMSC Corporation LAN9313 Datasheet HTML 314Page - SMSC Corporation LAN9313 Datasheet HTML 315Page - SMSC Corporation LAN9313 Datasheet HTML 316Page - SMSC Corporation LAN9313 Datasheet HTML 317Page - SMSC Corporation LAN9313 Datasheet HTML 318Page - SMSC Corporation LAN9313 Datasheet HTML 319Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
315
Revision 1.2 (04-08-08)
DATASHEET
18:16
Port
These bits indicate the port(s) associated with this MAC address. When bit
18 is cleared, a single port is selected. When bit 18 is set, multiple ports are
selected.
R/W
000b
15:0
MAC Address
These field contains the last 16 bits of the ALR entry that will be written into
the ALR table. They correspond to the last 16 bits of the MAC address. Bit
15 holds the MSB of the last byte (the last bit on the wire). The first 32 bits
of the MAC address are located in the Switch Engine ALR Write Data 0
Register (SWE_ALR_WR_DAT_0).
R/W
0000h
BITS
DESCRIPTION
TYPE
DEFAULT
VALUE
ASSOCIATED PORT(S)
000
Port 0(External MII)
001
Port 1
010
Port 2
011
RESERVED
100
Port 0(External MII) and Port 1
101
Port 0(External MII) and Port 2
110
Port 1 and Port 2
111
Port 0(External MII), Port 1, and Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com