Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 331 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 331 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 327Page - SMSC Corporation LAN9313 Datasheet HTML 328Page - SMSC Corporation LAN9313 Datasheet HTML 329Page - SMSC Corporation LAN9313 Datasheet HTML 330Page - SMSC Corporation LAN9313 Datasheet HTML 331Page - SMSC Corporation LAN9313 Datasheet HTML 332Page - SMSC Corporation LAN9313 Datasheet HTML 333Page - SMSC Corporation LAN9313 Datasheet HTML 334Page - SMSC Corporation LAN9313 Datasheet HTML 335Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
331
Revision 1.2 (04-08-08)
DATASHEET
13.3.3.17
Switch Engine Port Ingress Configuration Register (SWE_PORT_INGRSS_CFG)
This register is used to configure the per port ingress rules.
Register #:
1841h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:6
RESERVED
RO
-
5:3
Enable Learning on Ingress
When set, source addresses are learned when a packet is received on the
corresponding port and the corresponding Port State in the Switch Engine
Port State Register (SWE_PORT_STATE) is set to forwarding or learning.
There is one enable bit per ingress port. Bits 5,4,3 correspond to switch
ports 2,1,0 respectively.
R/W
111b
2:0
Enable Membership Checking
When set, VLAN membership is checked when a packet is received on the
corresponding port.
The packet will be filtered if the ingress port is not a member of the VLAN
(unless the Admit Non Member bit is set for the port in the Switch Engine
Admit Non Member Register (SWE_ADMT_N_MEMBER))
For destination addresses that are found in the ALR table, the packet will be
filtered if the egress port is not a member of the VLAN (for destination
addresses that are not found in the ALR table only the ingress port is
checked for membership).
The VLAN Enable bit in the Switch Engine Global Ingress Configuration
Register (SWE_GLOBAL_INGRSS_CFG) needs to be set for these bits to
have an affect.
There is one enable bit per ingress port. Bits 2,1,0 correspond to switch
ports 2,1,0 respectively.
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com