Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 335 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 335 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 331Page - SMSC Corporation LAN9313 Datasheet HTML 332Page - SMSC Corporation LAN9313 Datasheet HTML 333Page - SMSC Corporation LAN9313 Datasheet HTML 334Page - SMSC Corporation LAN9313 Datasheet HTML 335Page - SMSC Corporation LAN9313 Datasheet HTML 336Page - SMSC Corporation LAN9313 Datasheet HTML 337Page - SMSC Corporation LAN9313 Datasheet HTML 338Page - SMSC Corporation LAN9313 Datasheet HTML 339Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
335
Revision 1.2 (04-08-08)
DATASHEET
13.3.3.21
Switch Engine Port Mirroring Register (SWE_PORT_MIRROR)
This register is used to configure port mirroring.
Register #:
1846h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:9
RESERVED
RO
-
8
Enable RX Mirroring Filtered
When set, packets that would normally have been filtered are included in the
receive mirroring function and are sent only to the sniffer port. When
cleared, filtered packets are not mirrored.
Note:
The Ingress Filtered Count Registers will still count these packets
as filtered and the Switch Engine Interrupt Pending Register
(SWE_IPR) will still register a drop interrupt.
R/W
0b
7:5
Sniffer Port
These bits specify the sniffer port that transmits packets that are monitored.
Bits 7,6,5 correspond to switch ports 2,1,0 respectively.
Note:
Only one port should be set as the sniffer.
R/W
00b
4:2
Mirrored Port
These bits specify if a port is to be mirrored. Bits 4,3,2 correspond to switch
ports 2,1,0 respectively.
Note:
Multiple ports can be set as mirrored.
R/W
00b
1
Enable RX Mirroring
This bit enables packets received on the mirrored ports to be also sent to
the sniffer port.
R/W
0b
0
Enable TX Mirroring
This bit enables packets transmitted on the mirrored ports to be also sent to
the sniffer port.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com