Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 369 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 369 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 365Page - SMSC Corporation LAN9313 Datasheet HTML 366Page - SMSC Corporation LAN9313 Datasheet HTML 367Page - SMSC Corporation LAN9313 Datasheet HTML 368Page - SMSC Corporation LAN9313 Datasheet HTML 369Page - SMSC Corporation LAN9313 Datasheet HTML 370Page - SMSC Corporation LAN9313 Datasheet HTML 371Page - SMSC Corporation LAN9313 Datasheet HTML 372Page - SMSC Corporation LAN9313 Datasheet HTML 373Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
369
Revision 1.2 (04-08-08)
DATASHEET
13.3.4.13
Buffer Manager Egress Port Type Register (BM_EGRSS_PORT_TYPE)
This register is used to configure the egress VLAN tagging rules. See Section 6.5.6, "Adding,
Removing, and Changing VLAN Tags," on page 80 for additional details.
Register #:
1C0Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:22
RESERVED
RO
-
21
Insert Tag Port 2
When set, untagged packets will have a tag added that contains the Default
VLAN ID and Priority of the ingress port.
The un-tag bit in the VLAN table for the default VLAN ID also needs to be
cleared in order for the tag to be inserted.
This is only used when the Egress Port Type is set as Hybrid.
R/W
0b
20
Change VLAN ID Port 2
When set, regular tagged packets will have their VLAN ID overwritten with
the Default VLAN ID of the egress port.
The Change Tag bit also needs to be set.
The un-tag bit in the VLAN table for the incoming VLAN ID also needs to be
cleared, otherwise the tag will be removed instead.
Priority tagged packets will have VLAN ID overwritten with the Default VLAN
ID of the ingress port independent of this bit.
This is only used when the Egress Port Type is set as Hybrid.
R/W
0b
19
Change Priority Port 2
When set, regular tagged packets will have their Priority overwritten with the
Default Priority of the egress port. Priority tagged packets will have VLAN ID
overwritten with the Default VLAN ID of the ingress port.
For regular tagged packets, the Change Tag bit also needs to be set.
The un-tag bit in the VLAN table for the incoming VLAN ID also needs to be
cleared, otherwise the tag would be removed instead.
This is only used when the Egress Port Type is set as Hybrid.
R/W
0b
18
Change Tag Port 2
When set, allows the Change Tag and Change Priority bits to affect regular
tagged packets.
This bit has no affect on priority tagged packets.
This is only used when the Egress Port Type is set as Hybrid.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com