Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 370 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 370 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 366Page - SMSC Corporation LAN9313 Datasheet HTML 367Page - SMSC Corporation LAN9313 Datasheet HTML 368Page - SMSC Corporation LAN9313 Datasheet HTML 369Page - SMSC Corporation LAN9313 Datasheet HTML 370Page - SMSC Corporation LAN9313 Datasheet HTML 371Page - SMSC Corporation LAN9313 Datasheet HTML 372Page - SMSC Corporation LAN9313 Datasheet HTML 373Page - SMSC Corporation LAN9313 Datasheet HTML 374Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
370
SMSC LAN9313/LAN9313i
DATASHEET
17:16
Egress Port Type Port 2
These bits set the egress port type which determines the tagging/un-tagging
rules.
R/W
0b
15:14
RESERVED
RO
-
13
Insert Tag Port 1
Identical to Insert Tag Port 2 definition above.
R/W
0b
12
Change VLAN ID Port 1
Identical to Change VLAN ID Port 2 definition above.
R/W
0b
11
Change Priority Port 1
Identical to Change Priority Port 2 definition above.
R/W
0b
10
Change Tag Port 1
Identical to Change Tag Port 2 definition above.
R/W
0b
9:8
Egress Port Type Port 1
Identical to Egress Port Type Port 2 definition above.
R/W
0b
7:6
RESERVED
RO
-
5
Insert Tag Port 0(External MII)
Identical to Insert Tag Port 2 definition above.
R/W
0b
4
Change VLAN ID Port 0(External MII)
Identical to Change VLAN ID Port 2 definition above.
R/W
0b
3
Change Priority Port 0(External MII)
Identical to Change Priority Port 2 definition above.
R/W
0b
2
Change Tag Port 0(External MII)
Identical to Change Tag Port 2 definition above.
R/W
0b
1:0
Egress Port Type Port 0(External MII)
Identical to Egress Port Type Port 2 definition above.
R/W
0b
BITS
DESCRIPTION
TYPE
DEFAULT
BIT
VALUES
EGRESS PORT TYPE
00
Dumb
Packets from regular ports pass untouched. Special tagged packets from the
External MII port have their tagged stripped.
01
Access
Tagged packets (including special tagged packets from the External MII port)
have their tagged stripped.
10
Hybrid
Supports a mix of tagging, un-tagging and changing tags. See Section 6.5.6,
"Adding, Removing, and Changing VLAN Tags," on page 80 for additional
details.
11
CPU
A special tag is added to indicate the source of the packet. See Section 6.5.6,
"Adding, Removing, and Changing VLAN Tags," on page 80 for additional
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com