Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 29Page - Infineon Technologies AG XC2000 Datasheet HTML 30Page - Infineon Technologies AG XC2000 Datasheet HTML 31Page - Infineon Technologies AG XC2000 Datasheet HTML 32Page - Infineon Technologies AG XC2000 Datasheet HTML 33Page - Infineon Technologies AG XC2000 Datasheet HTML 34Page - Infineon Technologies AG XC2000 Datasheet HTML 35Page - Infineon Technologies AG XC2000 Datasheet HTML 36Page - Infineon Technologies AG XC2000 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-15
V1.0, 2007-06
GPT_X7, V2.0
14.1.3
GPT1 Auxiliary Timers T2/T4 Control
Auxiliary timers T2 and T4 have exactly the same functionality. They can be configured
for timer mode, gated timer mode, counter mode, or incremental interface mode with the
same options for the timer frequencies and the count signal as the core timer T3. In
addition to these 4 counting modes, the auxiliary timers can be concatenated with the
core timer, or they may be used as reload or capture registers in conjunction with the
core timer. The start/stop function of the auxiliary timers can be remotely controlled by
the T3 run control bit. Several timers may thus be controlled synchronously.
The current contents of an auxiliary timer are reflected by its count register T2 or T4,
respectively. These registers can also be written to by the CPU, for example, to set the
initial start value.
The individual configurations for timers T2 and T4 are determined by their bitaddressable
control registers T2CON and T4CON, which are organized identically. Note that
functions which are present in all 3 timers of block GPT1 are controlled in the same bit
positions and in the same manner in each of the specific control registers.
Note: The auxiliary timers have no output toggle latch and no alternate output function.
GPT12E_T2CON
Timer 2 Control Register
SFR (FF40
H/A0H)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
T2
R
DIR
T2
CH
DIR
T2
ED
GE
T2
IR
DIS
--
T2
RC
T2
UDE
T2
UD
T2R
T2M
T2I
rh
rwh
rwh
rw
-
-
rw
rw
rw
rw
rw
rw
Field
Bits
Type Description
GPT12E_T4CON
Timer 4 Control Register
SFR (FF44
H/A2H)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
T4
R
DIR
T4
CH
DIR
T4
ED
GE
T4
IR
DIS
--
T4
RC
T4
UDE
T4
UD
T4R
T4M
T4I
rh
rwh
rwh
rw
-
-
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com