Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Real Time Clock
Preliminary
User’s Manual
15-7
V1.0, 2007-06
RTC_X8, V2.1
15.3
RTC Operating Modes
The RTC can be configured for several operating modes according to the purpose it is
meant to serve. These operating modes are configured by selecting appropriate reload
values and interrupt signals.
Figure 15-3
RTC Block Diagram
RTC Register Access
The actual value of the RTC is indicated by the three registers T14, RTCL, and RTCH.
As these registers are concatenated to build the RTC counter chain, internal overflows
occur while the RTC is running. When reading or writing the RTC value, such internal
overflows must be taken into account to avoid reading/writing corrupted values.
Care must be taken, when reading the timer(s), as this requires up to three read
accesses to the different registers with an inherent time delay between the accesses. An
overflow from T14 to RTCL and/or from RTCL to RTCH might occur between the
accesses, which needs to be taken into account appropriately.
For example, reading/writing 0000
H from/to RTCH and then accessing RTCL could
produce a corrupted value as RTCL may overflow before it can be accessed. In this
case, RTCH would be 0001
H. The same precautions must be taken for T14 and T14REL.
CNT-Register
REL-Register
10 Bits
6 Bits
6 Bits
10 Bits
T14
M CB05568B
T14-Register
Interrupt Sub Node
RTCINT
MUX
32
PRE
RUN
CNT
INT3
CNT
INT2
CNT
INT1
CNT
INT0
f
CNT
f
RTC
T14REL
10 Bits
6 Bits
6 Bits
10 Bits
:
MUX
8
:
REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com