Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-58
V1.0, 2007-06
GPT_X7, V2.0
14.2.9
KSCCFG Register
GPT12E_KSCCFG
Kernel State Configuration Register
SFR(FE1C
H)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
BP
COM
0COMCFG
BP
SUM
0
SUMCFG
BP
NOM
0NOMCFG
0
BP
MOD
EN
MOD
EN
w
r
rw
w
r
rw
w
r
rw
r
w
rw
Field
Bits
Type Description
MODEN
0rw
Module Enable
This bit enables the module kernel clock and the
module functionality.
0
B
The module is switched off.
It does not react on mode control actions and
the module clock is switched off immediately
(without stop condition). The module does not
react on read accesses and ignores write
accesses.
1
B
The module is switched on.
Note: This bit is reset by an application reset.
BPMODE
1w
Bit Protection for MODEN
This bit enables the write access to the bit MODEN.
It always reads 0. It is only active during the write
access cycle.
0
B
MODEN is not changed.
1
B
MODEN is updated with the written value.
Note: This bit is reset by an application reset.
NOMCFG
[5:4]
rw
Normal Operation Mode Configuration
This bit field defines the kernel mode applied in
normal operation mode.
0X
B
The module is switched on.
1X
B
The module is switched off.
This field is taken into account for CR = 00 or 11.
Note: This bit is reset by an application reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com