Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 16Page - Infineon Technologies AG XC2000 Datasheet HTML 17Page - Infineon Technologies AG XC2000 Datasheet HTML 18Page - Infineon Technologies AG XC2000 Datasheet HTML 19Page - Infineon Technologies AG XC2000 Datasheet HTML 20Page - Infineon Technologies AG XC2000 Datasheet HTML 21Page - Infineon Technologies AG XC2000 Datasheet HTML 22Page - Infineon Technologies AG XC2000 Datasheet HTML 23Page - Infineon Technologies AG XC2000 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-2
V1.0, 2007-06
GPT_X7, V2.0
14.1
Timer Block GPT1
From a programmer’s point of view, the GPT1 block is composed of a set of SFRs as
summarized below. Those portions of port and direction registers which are used for
alternate functions by the GPT1 block are shaded.
Figure 14-1
SFRs Associated with Timer Block GPT1
All three timers of block GPT1 (T2, T3, T4) can run in one of 4 basic modes: Timer Mode,
Gated Timer Mode, Counter Mode, or Incremental Interface Mode. All timers can count
up or down. Each timer of GPT1 is controlled by a separate control register TxCON.
Each timer has an input pin TxIN (alternate pin function) associated with it, which serves
as the gate control in gated timer mode, or as the count input in counter mode. The count
direction (up/down) may be programmed via software or may be dynamically altered by
a signal at the External Up/Down control input TxEUD (alternate pin function). An
overflow/underflow of core timer T3 is indicated by the Output Toggle Latch T3OTL,
whose state may be output on the associated pin T3OUT (alternate pin function). The
auxiliary timers T2 and T4 may additionally be concatenated with the core timer T3
(through T3OTL) or may be used as capture or reload registers for the core timer T3.
The current contents of each timer can be read or modified by the CPU by accessing the
corresponding timer count registers T2, T3, or T4, located in the non-bitaddressable SFR
space (see Section 14.1.6). When any of the timer registers is written to by the CPU in
the state immediately preceding a timer increment, decrement, reload, or capture
operation, the CPU write operation has priority in order to guarantee correct results.
m c_gpt 1_regist ers. vsd
Data Registers
Control Registers
T2CON
Interrupt Control
Tx
GPT1 Timer x Register
TxCON
GPT1 Capture/Reload Register
TxIC
GPT1 Timer x Interrupt Ctrl. Reg.
KSCFG
Kernel State Configuration Register
T2
T3
T2IC
T3IC
T4
T2CON
T4CON
T3CON
T4IC
T2CON
KSCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com