Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 15Page - Infineon Technologies AG XC2000 Datasheet HTML 16Page - Infineon Technologies AG XC2000 Datasheet HTML 17Page - Infineon Technologies AG XC2000 Datasheet HTML 18Page - Infineon Technologies AG XC2000 Datasheet HTML 19Page - Infineon Technologies AG XC2000 Datasheet HTML 20Page - Infineon Technologies AG XC2000 Datasheet HTML 21Page - Infineon Technologies AG XC2000 Datasheet HTML 22Page - Infineon Technologies AG XC2000 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-1
V1.0, 2007-06
GPT_X7, V2.0
14
The General Purpose Timer Units
The General Purpose Timer Unit blocks GPT1 and GPT2 have very flexible
multifunctional timer structures which may be used for timing, event counting, pulse
width measurement, pulse generation, frequency multiplication, and other purposes.
They incorporate five 16-bit timers that are grouped into the two timer blocks GPT1 and
GPT2. Each timer in each block may operate independently in a number of different
modes such as gated timer or counter mode, or may be concatenated with another timer
of the same block. Each block has alternate input/output functions and specific interrupts
associated with it.
Block GPT1 contains three timers/counters: The core timer T3 and the two auxiliary
timers T2 and T4. The maximum resolution is
f
GPT/4. The auxiliary timers of GPT1 may
optionally be configured as reload or capture registers for the core timer. These registers
are listed in Section 14.1.6.
•
f
GPT/4 maximum resolution
• 3 independent timers/counters
• Timers/counters can be concatenated
• 4 operating modes:
–Timer Mode
– Gated Timer Mode
– Counter Mode
– Incremental Interface Mode
• Reload and Capture functionality
• Separate interrupt lines
Block GPT2 contains two timers/counters: The core timer T6 and the auxiliary timer T5.
The maximum resolution is
f
GPT/2. An additional Capture/Reload register (CAPREL)
supports capture and reload operation with extended functionality. These registers are
listed in Section 14.2.7. The core timer T6 may be concatenated with timers of the
CAPCOM units (T0, T1, T7, and T8).
The following list summarizes the features which are supported:
•
f
GPT/2 maximum resolution
• 2 independent timers/counters
• Timers/counters can be concatenated
• 3 operating modes:
–Timer Mode
– Gated Timer Mode
– Counter Mode
• Extended capture/reload functions via 16-bit capture/reload register CAPREL
• Separate interrupt lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com