Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 41Page - Infineon Technologies AG XC2000 Datasheet HTML 42Page - Infineon Technologies AG XC2000 Datasheet HTML 43Page - Infineon Technologies AG XC2000 Datasheet HTML 44Page - Infineon Technologies AG XC2000 Datasheet HTML 45Page - Infineon Technologies AG XC2000 Datasheet HTML 46Page - Infineon Technologies AG XC2000 Datasheet HTML 47Page - Infineon Technologies AG XC2000 Datasheet HTML 48Page - Infineon Technologies AG XC2000 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-27
V1.0, 2007-06
GPT_X7, V2.0
14.1.5
GPT1 Clock Signal Control
All actions within the timer block GPT1 are triggered by transitions of its basic clock. This
basic clock is derived from the system clock by a basic block prescaler, controlled by
bitfield BPS1 in register T3CON (see Figure 14-2). The count clock can be generated in
two different ways:
• Internal count clock, derived from GPT1’s basic clock via a programmable prescaler,
is used for (gated) timer mode.
• External count clock, derived from the timer’s input pin(s), is used for counter mode.
For both ways, the basic clock determines the maximum count frequency and the timer’s
resolution:
Internal Count Clock Generation
In timer mode and gated timer mode, the count clock for each GPT1 timer is derived from
the GPT1 basic clock by a programmable prescaler, controlled by bitfield TxI in the
respective timer’s control register TxCON.
The count frequency
f
Tx for a timer Tx and its resolution rTx are scaled linearly with lower
clock frequencies, as can be seen from the following formula:
[14.1]
The effective count frequency depends on the common module clock prescaler factor
F(BPS1) as well as on the individual input prescaler factor 2
<TxI>. Table 14-7 summarizes
the resulting overall divider factors for a GPT1 timer that result from these cascaded
prescalers.
Table 14-6
Basic Clock Selection for Block GPT1
Block Prescaler
1)
1) Please note the non-linear encoding of bitfield BPS1.
BPS1 = 01
B
BPS1 = 00
B
2)
2) Default after reset.
BPS1 = 11
B
BPS1 = 10
B
Prescaling Factor for
GPT1: F(BPS1)
F(BPS1)
= 4
F(BPS1)
= 8
F(BPS1)
= 16
F(BPS1)
= 32
Maximum External
Count Frequency
f
GPT/8
f
GPT/16
f
GPT/32
f
GPT/64
Input Signal
Stable Time
4
× t
GPT
8
× t
GPT
16
× t
GPT
32
× t
GPT
fTx
fGPT
FBPS1
() 2
<Txl>
×
---------------------------------------------
=
rTx µs
[]
FBPS1
() 2
<Txl>
×
fGPT MHz
[]
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com