| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 79 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 79 Page - Infineon Technologies AG |
|
79 / 729 page ![]() XC2000 Derivatives Peripheral Units (Vol. 2 of 2) Real Time Clock Preliminary User’s Manual 15-1 V1.0, 2007-06 RTC_X8, V2.1 15 Real Time Clock The Real Time Clock (RTC) module of the XC2000 basically consists of a chain of prescalers and timers. Its count clock is derived from the auxiliary oscillator or from the prescaled main oscillator. The RTC serves various purposes: • 48-bit timer for long term measurements • System clock to determine the current time and date (the RTC’s structure supports the direct representation of time and date) • Cyclic time based interrupt (can be generated by any timer of the chain) A number of programming options as well as interrupt request signals adjust the operation of the RTC to the application’s requirements. The RTC can continue its operation while the XC2000 is in certain power-saving modes, such that real time date and time information is provided. Figure 15-1 SFRs Associated with the RTC Module The RTC module consists of a chain of 3 divider blocks: • a selectable 8:1 divider (on - off) • the reloadable 16-bit timer T14 • the 32-bit RTC timer block (accessible via RTC_RTCH and RTC_RTCL), made of: – the reloadable 10-bit timer CNT0 – the reloadable 6-bit timer CNT1 – the reloadable 6-bit timer CNT2 – the reloadable 10-bit timer CNT3 All timers count upwards. Each of the five timers can generate an interrupt request. All requests are combined to a common node request. Note: The RTC registers are not affected by a functional reset in order to maintain the correct system time even when intermediate resets are executed. m c_rt cregx2k. vsd Data Registers Counter Registers RTC_T14 E Interrupt Control RTC_CON Real Tim e Clock Control Register RTCCLKCON RTC Clock Control Register RTC_ISNC Interrupt Subnode Control Reg. RTC_IC RTC Interrupt Control Register RTC_T14REL E RTC_RELH E RTC_ISNC E RTC_IC E RTC_RELL E T2CON RTC_RTCL E RTC_RTCH E Control Registers RTC_CON E RTCCLKCON RTC_T14 Tim er T14 Count Register RTC_T14REL Tim er T14 Reload Register RTC_RTCH/L RTC Count Registers, High/Low RTC_RELH/L RTC Reload Registers High/Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |