Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 35Page - Infineon Technologies AG XC2000 Datasheet HTML 36Page - Infineon Technologies AG XC2000 Datasheet HTML 37Page - Infineon Technologies AG XC2000 Datasheet HTML 38Page - Infineon Technologies AG XC2000 Datasheet HTML 39Page - Infineon Technologies AG XC2000 Datasheet HTML 40Page - Infineon Technologies AG XC2000 Datasheet HTML 41Page - Infineon Technologies AG XC2000 Datasheet HTML 42Page - Infineon Technologies AG XC2000 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-21
V1.0, 2007-06
GPT_X7, V2.0
For counter operation, pin TxIN must be configured as input (the respective direction
control bit DPx.y must be 0). The maximum input frequency allowed in counter mode
depends on the selected prescaler value. To ensure that a transition of the count input
signal applied to TxIN is recognized correctly, its level must be held high or low for a
minimum number of module clock cycles before it changes. This information can be
found in Section 14.1.5.
Timers T2 and T4 in Incremental Interface Mode
Incremental interface mode for an auxiliary timer Tx is selected by setting bitfield TxM in
the respective register TxCON to 110
B or 111B. In incremental interface mode, the two
inputs associated with an auxiliary timer Tx (TxIN, TxEUD) are used to interface to an
incremental encoder. Tx is clocked by each transition on one or both of the external input
pins to provide 2-fold or 4-fold resolution of the encoder input.
Figure 14-14 Block Diagram of an Auxiliary Timer in Incremental Interface Mode
The operation of the auxiliary timers T2 and T4 in incremental interface mode and the
interrupt generation are the same as described for the core timer T3. The descriptions,
figures and tables apply accordingly.
MCB05398
Count
Overflow
Underflow
TxEUD
Tx
Edge
Tx
RDIR
MUX
0
1
=1
TxUD
TxUDE
Change
Detect
&
TxCH
DIR
TxM
TxM
&
>1
_
Phase
Detect
MUX
TxRC
TxR
T3R
TxIN
TxI
TxIRDIS
TxIRQ
Auxiliary
Timer Tx
0
1
Edge
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com