Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 53Page - Infineon Technologies AG XC2000 Datasheet HTML 54Page - Infineon Technologies AG XC2000 Datasheet HTML 55Page - Infineon Technologies AG XC2000 Datasheet HTML 56Page - Infineon Technologies AG XC2000 Datasheet HTML 57Page - Infineon Technologies AG XC2000 Datasheet HTML 58Page - Infineon Technologies AG XC2000 Datasheet HTML 59Page - Infineon Technologies AG XC2000 Datasheet HTML 60Page - Infineon Technologies AG XC2000 Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-39
V1.0, 2007-06
GPT_X7, V2.0
Gated Timer Mode
Gated timer mode for the core timer T6 is selected by setting bitfield T6M in register
T6CON to 010
B or 011B. Bit T6M.0 (T6CON.3) selects the active level of the gate input.
The same options for the input frequency are available in gated timer mode as in timer
mode (see Section 14.2.6). However, the input clock to the timer in this mode is gated
by the external input pin T6IN (Timer T6 External Input).
To enable this operation, the associated pin T6IN must be configured as input (the
corresponding direction control bit must contain 0).
Figure 14-23 Block Diagram of Core Timer T6 in Gated Timer Mode
If T6M = 010
B, the timer is enabled when T6IN shows a low level. A high level at this line
stops the timer. If T6M = 011
B, line T6IN must have a high level in order to enable the
timer. Additionally, the timer can be turned on or off by software using bit T6R. The timer
will only run if T6R is 1 and the gate is active. It will stop if either T6R is 0 or the gate is
inactive.
Note: A transition of the gate signal at pin T6IN does not cause an interrupt request.
Prescaler
Gate
Ctrl.
Core Timer T6
Toggle Latch
MCB05404_X4
BPS2
T6I
Up/Down
f
GPT
f
T6
T6R
Count
T6OUT
T6IRQ
to T5,
CAPREL
Clear
T6OUF
T6IN
MUX
0
1
T6EUD
=1
T6UD
T6UDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com