Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Real Time Clock
Preliminary
User’s Manual
15-13
V1.0, 2007-06
RTC_X8, V2.1
15.7
RTC Interrupt Generation
The overflow signals of each timer of the RTC timer chain can generate an interrupt
request. The RTC’s interrupt subnode control register ISNC combines these requests to
activate the common RTC interrupt request line RTC_IRQ.
Each timer overflow sets its associated request flag in register ISNC. Individual enable
bits for each request flag determine whether this request also activates the common
interrupt line. The enabled requests are ORed together on this line (see Figure 15-5).
The interrupt handler can determine the source of an interrupt request via the specific
request flags and must clear them after appropriate processing (not cleared by
hardware). The common node request bit is automatically cleared when the interrupt
handler is vectored to.
Note: If only one source is enabled, no additional software check is required, of course.
Both the individual request and the common interrupt node must be enabled.
Figure 15-5
Interrupt Block Diagram
MCB05415
>1
_
Interrupt Request
RTC_IRQ
&
&
&
&
&
Register RTC_ISNC
CNT3
IR
CNT3
IE
Set
SW Clear
CNT2
IR
CNT2
IE
Set
SW Clear
CNT1
IR
CNT1
IE
Set
SW Clear
CNT0
IR
CNT0
IE
Set
SW Clear
T14
IR
T14
IE
Set
SW Clear
CNT3 Overflow
CNT2 Overflow
CNT1 Overflow
CNT0 Overflow
T14 Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com