Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Real Time Clock
Preliminary
User’s Manual
15-5
V1.0, 2007-06
RTC_X8, V2.1
15.2
RTC Run Control
If the RTC shall operate bit RUN in register RTC_CON must be set (default after reset).
Bit RUN can be cleared, for example, to exclude certain operation phases from time
keeping. The RTC can be completely disabled by clearing the corresponding bit MODEN
in register RTC_KSCCFG.
Note: A valid count clock is required for proper RTC operation, of course.
The RTC is reset by a power reset, a functional reset does not affect the RTC registers
and its operation (RTC_IC will be reset, however). The initialization software must
ensure the proper RTC operating mode.
The RTC control register RTC_CON selects the basic operation of the RTC module.
RTC_CON
Control Register
ESFR (F110
H/88H)
Reset Value: 8003
H
15
14
13
12
11
10
9
8765
432
10
ACC
POS
--
----
----
REF
CLK
T14
INC
T14
DEC
PRE RUN
rh
--
----
----
rw
rwh
rwh
rw
rw
Field
Bits
Type
Description
ACCPOS
15
rh
RTC Register Access Possible
0
No write access is possible, only
asynchronous reads
1
Registers can be read and written
REFCLK
4rw
RTC Input Source Prescaler (32:1) Disable
0
Input Prescaler enabled
1
Input Prescaler disabled
T14INC
3rwh
Increment Timer T14 Value
Setting this bit to 1 adds one count pulse upon the
next count event, thus incrementing T14.
This bit is cleared by hardware after incrementation.
T14DEC
2rwh
Decrement Timer T14 Value
Setting this bit to 1 suppresses the next count event,
thus decrementing T14.
This bit is cleared by hardware after decrementation.
PRE
1rw
RTC Input Source Prescaler (8:1) Enable
0
Prescaler disabled
1
Prescaler enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com