Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 68Page - Infineon Technologies AG XC2000 Datasheet HTML 69Page - Infineon Technologies AG XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
Preliminary
User’s Manual
14-54
V1.0, 2007-06
GPT_X7, V2.0
Table 14-16 lists a timer’s parameters (such as count frequency, resolution, and period)
resulting from the selected overall prescaler factor and the applied system frequency.
Note that some numbers may be rounded.
Table 14-15 GPT2 Overall Prescaler Factors for Internal Count Clock
Individual
Prescaler for Tx
Common Prescaler for Module Clock
1)
1) Please note the non-linear encoding of bitfield BPS2.
BPS2 = 01
B
BPS2 = 00
B
BPS2 = 11
B
BPS2 = 10
B
TxI = 000
B
24816
TxI = 001
B
4816
32
TxI = 010
B
8
163264
TxI = 011
B
16
32
64
128
TxI = 100
B
32
64
128
256
TxI = 101
B
64
128
256
512
TxI = 110
B
128
256
512
1024
TxI = 111
B
256
512
1024
2048
Table 14-16 GPT2 Timer Parameters
System Clock = 10 MHz
Overall
Divider
Factor
System Clock = 40 MHz
Frequency
Resolution Period
Frequency
Resolution Period
5.0 MHz
200 ns
13.11 ms
2
20.0 MHz
50 ns
3.28 ms
2.5 MHz
400 ns
26.21 ms
4
10.0 MHz
100 ns
6.55 ms
1.25 MHz
800 ns
52.43 ms
8
5.0 MHz
200 ns
13.11 ms
625.0 kHz
1.6
µs
104.9 ms
16
2.5 MHz
400 ns
26.21 ms
312.5 kHz
3.2
µs
209.7 ms
32
1.25 MHz
800 ns
52.43 ms
156.25 kHz
6.4
µs
419.4 ms
64
625.0 kHz
1.6
µs
104.9 ms
78.125 kHz
12.8
µs
838.9 ms
128
312.5 kHz
3.2
µs
209.7 ms
39.06 kHz
25.6
µs
1.678 s
256
156.25 kHz
6.4
µs
419.4 ms
19.53 kHz
51.2
µs
3.355 s
512
78.125 kHz
12.8
µs
838.9 ms
9.77 kHz
102.4
µs
6.711 s
1024
39.06 kHz
25.6
µs
1.678 s
4.88 kHz
204.8
µs
13.42 s
2048
19.53 kHz
51.2
µs
3.355 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com