Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG XC2000 Datasheet HTML 96Page - Infineon Technologies AG XC2000 Datasheet HTML 97Page - Infineon Technologies AG XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG XC2000 Datasheet HTML 100Page - Infineon Technologies AG XC2000 Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-3
V1.0, 2007-06
ADC, UM_V0.1D6
16.1.2
Feature Set
Features of each ADC kernel:
•
Analog supply voltage range from 3.3 V (minimum) to 5 V (nominal) for
VDDPA
•
Input voltage range from 0 V to analog supply voltage
VDDPA
•
Input multiplexer for a maximum of 16 possible analog input channels
•
Performance for 10-bit resolution (@
fADCI =16MHz):
- conversion time less than 1.5
µs, ±2 LSB
10 TUE
1) @ supply voltage V
DDPA =5 V
- conversion time about 1.5
µs, tbd LSB
10 TUE @ supply voltage VDDPA = 3.3V
•
One standard reference input (VAREF) and one alternative reference input (CH0)
available
•
3 conversion request sources for external or timer-driven events, auto-scan,
programmable sequences, SW-driven conversions, etc.
•
Synchronization of the ADC kernels for concurrent conversion starts and parallel
sampling and measuring of analog input signals, e.g. for phase current
measurements in AC drives
•
Control capability for an external analog multiplexer, respecting the additional set up
time
•
Adjustable sampling times to accommodate output impedance of different analog
signal sources (sensors, etc.)
•
Possibility to cancel running conversions on demand with automatic restart
•
Flexible interrupt generation (possibility of PEC support)
•
Limit checking to reduce interrupt load (e.g. for temperature measurements or
overload detection, only values exceeding a programmable level lead to an interrupt)
•
Programmable data reduction filter, e.g. for digital anti-aliasing filtering, by adding a
programmable number of conversion results
•
Independent result registers (8 independent registers)
•
Support of conversion result FIFO mechanism to allow a longer interrupt latency
•
Support of suspend and power saving modes
•
Individually programmable reference selection for each channel, e.g. to allow
measurements of 3.3 V and 5 V signals in the full measurement range with the same
ADC kernel
1)
This value reflects the ADC module capability in an adapted electrical environment, e.g. characterized by
“clean” routing of analog and digital signals and separation of analog and digital PCB areas, low noise on
analog power supply (< 30 mV), low switching activity of digital pins near to the ADC, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com