Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 97Page - Infineon Technologies AG XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG XC2000 Datasheet HTML 100Page - Infineon Technologies AG XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-7
V1.0, 2007-06
ADC, UM_V0.1D6
16.1.5
Conversion Request Unit
The conversion request unit of each ADC kernel autonomously handles the generation
of conversion requests.
It contains three independent request sources that are connected to several modules to
trigger the start of a conversion. A request source defines the analog input channel to be
converted if a defined event occurs. For example, a trigger pulse from a timer unit
generating a PWM signal can start the conversion of a single input channel or a
programmed sequence of input channels.
Depending on the application, the request sources can be triggered by different events,
either issued by other modules or under SW control. As a consequence, there can be
two or more conversion requests pending at the same time. To allow the user to adapt
the request source mechanism to the application needs, the trigger capability, the
channel number(s) to be converted, and the priority can be individually programmed for
each request source.
An arbiter block regularly scans the request sources for pending conversion requests
and acts upon the conversion request with the highest priority. This conversion request
is forwarded to the converter to start the conversion of the requested channel.
Figure 16-3
Conversion Request Unit
The functional characteristics of the request sources are adapted to the most common
application requirements. In all request sources, a continuous operation or a single-shot
operation can be selected. For continuous operation, the programmed sequence of
conversions requests are continuously issued (once started), whereas in single-shot
mode, each sequence of conversion requests has to be explicitly started. The trigger for
a conversion request or a sequence can be handled under SW control or can be
ADC_request_handling
request control
request
source 1
(16-ch scan)
request
source 2
(4-stage queue)
request
source
arbiter
timer
unit(s)
external
request(s)
analog part
request
source 0
(1-stage queue)
ADC kernel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com